Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4197 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SC4197
Description  Silicon NPN Epitaxial
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4197 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SC4197 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4197 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4197 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4197 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4197 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4197 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4197 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4197 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4197 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC4197
6
S Parameters (Emitter Common)
Test Condition V
CE = 5 V, IC = 5 mA, ZO = 50 Ω
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.744
–48.4
13.142
145.9
0.034
67.5
0.876
–19.1
200
0.599
–85.5
9.669
123.5
0.053
55.9
0.702
–28.2
300
0.506
–110.7
7.201
109.5
0.064
52.6
0.586
–30.9
400
0.457
–128.9
5.696
100.6
0.072
52.7
0.520
–31.2
500
0.440
–143.5
4.687
93.9
0.079
54.3
0.480
–31.2
600
0.430
–155.1
3.977
88.1
0.087
57.1
0.452
–31.5
700
0.437
–163.2
3.453
83.5
0.095
59.4
0.432
–31.7
800
0.441
–170.9
3.070
79.1
0.104
61.3
0.417
–32.4
900
0.452
–177.1
2.746
75.4
0.113
63.6
0.402
–33.4
1000
0.462
177.5
2.508
71.9
0.122
65.6
0.390
–34.5
Test Condition V
CE = 5 V, IC = 10 mA, ZO = 50 Ω
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.585
–69.3
19.233
134.4
0.028
63.8
0.768
–25.6
200
0.460
–110.1
12.238
112.6
0.041
58.1
0.564
–31.4
300
0.408
–133.9
8.571
101.3
0.052
60.0
0.468
–30.5
400
0.390
–149.7
6.608
94.5
0.062
62.9
0.420
–29.1
500
0.390
–160.7
5.348
88.7
0.073
65.3
0.394
–28.1
600
0.391
–169.8
4.503
84.4
0.084
67.7
0.375
–27.8
700
0.404
–176.7
3.884
80.3
0.095
69.1
0.361
–27.7
800
0.411
178.0
3.446
76.8
0.107
70.3
0.350
–28.2
900
0.426
173.1
3.069
73.4
0.119
71.5
0.339
–29.0
1000
0.436
169.8
2.803
70.7
0.131
72.2
0.330
–29.7


Similar Part No. - 2SC4197

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
   Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC4197 ISC-2SC4197 Datasheet
214Kb / 6P
   High Gain Bandwidth Product
logo
Renesas Technology Corp
2SC4197TI-TL-E RENESAS-2SC4197TI-TL-E Datasheet
125Kb / 10P
   Silicon NPN Epitaxial
More results

Similar Description - 2SC4197

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com