Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLB010050-M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PLB010050-M
Description  MAGIC LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLB010050-M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PLB010050-M Datasheet HTML 1Page - List of Unclassifed Manufacturers PLB010050-M Datasheet HTML 2Page - List of Unclassifed Manufacturers PLB010050-M Datasheet HTML 3Page - List of Unclassifed Manufacturers PLB010050-M Datasheet HTML 4Page - List of Unclassifed Manufacturers PLB010050-M Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLB010050 Series
| Advanced Datasheet
Datasheet No 292420 Issue 3
Page 4 of 5
17/04/2014
Forward Voltage Bin Groups
IF = 60mA, Tamb = +25oC, unless otherwise stated
Group
VF [1] (V)
Min.
Max.
V1
2.8
2.9
V2
2.9
3.0
V3
3.0
3.1
V4
3.1
3.2
V5
3.2
3.3
[1] Tolerance ±0.05V
Mechanical Specifications
Description
Dimensions
Tolerance
Chip Area (µm)
510 x 510
+5/-35
Chip Thickness (µm)
150
± 10
Diameter of top (Al) Bond Pad (µm)
100 x 100
± 10
Al Bond Pad Thickness (µm)
2
± 0.2
Back Contact Metal (Au) Area (µm)
510 x 510
+5/-35
Back Contact Metal Thickness (µm)
1.1
±0.05
Handling Instructions
Plessey LEDs are not designed to operate with reverse bias.
Precautions are required to prevent reverse bias in applications and during handling.


Similar Part No. - PLB010050-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB010050 ETC2-PLB010050 Datasheet
783Kb / 9P
   Single surface top-emitting
PLB010050M ETC2-PLB010050M Datasheet
783Kb / 9P
   Single surface top-emitting
PLB010050P ETC2-PLB010050P Datasheet
783Kb / 9P
   Single surface top-emitting
PLB010050T ETC2-PLB010050T Datasheet
783Kb / 9P
   Single surface top-emitting
More results

Similar Description - PLB010050-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
   MAGIC LED
PLW11A090 ETC1-PLW11A090 Datasheet
520Kb / 11P
   MAGIC LED
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
   MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
   MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
   MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
   MAGIC LED
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
   MAGIC LED
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
   MAGIC LED
PLB11A090 ETC1-PLB11A090 Datasheet
584Kb / 9P
   MAGIC LED
PLW114050 ETC1-PLW114050 Datasheet
767Kb / 14P
   MAGIC LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com