Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLB111020-T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PLB111020-T
Description  MAGIC LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLB111020-T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PLB111020-T Datasheet HTML 1Page - List of Unclassifed Manufacturers PLB111020-T Datasheet HTML 2Page - List of Unclassifed Manufacturers PLB111020-T Datasheet HTML 3Page - List of Unclassifed Manufacturers PLB111020-T Datasheet HTML 4Page - List of Unclassifed Manufacturers PLB111020-T Datasheet HTML 5Page - List of Unclassifed Manufacturers PLB111020-T Datasheet HTML 6Page - List of Unclassifed Manufacturers PLB111020-T Datasheet HTML 7Page - List of Unclassifed Manufacturers PLB111020-T Datasheet HTML 8Page - List of Unclassifed Manufacturers PLB111020-T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PLB111020 Series
| Advanced Product Information
Datasheet No 292944 Issue 1
Page 3 of 11
15/04/2014
Intensity Bin Groups
IF = 20mA, Tamb = +25oC, unless otherwise stated
Variant
Group
Luminous
Intensity Iv [1]
(mcd)
Typ. Luminous
Flux Φv (lm)
Radiant Power Range
(mW)
Min.
Max.
Min.
Max.
PLB111020-M
1A
155
195
0.54
13
16
2A
195
245
0.70
16
20
3A
245
300
0.84
20
23
PLB111020-P
&
PLB111020-T
2A
195
245
0.70
-
-
3A
245
300
0.84
-
-
4A
300
500
1.26
-
-
[1] Tolerance ±10%
Forward Voltage Bin Groups
IF = 20mA, Tamb = +25oC, unless otherwise stated
Group
VF [1] (V)
Min.
Max.
V1
2.8
2.9
V2
2.9
3.0
V3
3.0
3.1
V4
3.1
3.2
V5
3.2
3.3
V6
3.3
3.4
[1] Tolerance ±0.05V


Similar Part No. - PLB111020-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB111010 ETC2-PLB111010 Datasheet
443Kb / 7P
   Industry standard PLCC-2
More results

Similar Description - PLB111020-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
   MAGIC LED
PLW11A090 ETC1-PLW11A090 Datasheet
520Kb / 11P
   MAGIC LED
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
   MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
   MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
   MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
   MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
   MAGIC LED
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
   MAGIC LED
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
   MAGIC LED
PLB11A090 ETC1-PLB11A090 Datasheet
584Kb / 9P
   MAGIC LED
PLW114050 ETC1-PLW114050 Datasheet
767Kb / 14P
   MAGIC LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com