Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC461 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SC461
Description  Silicon NPN Epitaxial Planar
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC461 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SC461 Datasheet HTML 2Page - Hitachi Semiconductor 2SC461 Datasheet HTML 3Page - Hitachi Semiconductor 2SC461 Datasheet HTML 4Page - Hitachi Semiconductor 2SC461 Datasheet HTML 5Page - Hitachi Semiconductor 2SC461 Datasheet HTML 6Page - Hitachi Semiconductor 2SC461 Datasheet HTML 7Page - Hitachi Semiconductor 2SC461 Datasheet HTML 8Page - Hitachi Semiconductor 2SC461 Datasheet HTML 9Page - Hitachi Semiconductor 2SC461 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2SC460, 2SC461
6
0
1
3
2
5
4
1.0
0.5
0.2
Collector Current IC (mA)
Noise Figure vs. Collector Current
25
10
VCE = 6 V
Rg = 500 Ω
f = 1.0 MHz
0
4
16
12
8
24
20
1.0
0.5
0.2
0.1
Collector Current IC (mA)
Noise Figure vs. Collector Current
25
10
VCE = 6 V
Rg = 50 Ω
f = 100 MHz
0
2
8
6
4
12
10
100
50
10
20
Signal Source Resistance Rg (Ω)
Noise Figure vs. Signal Source Resistance
200
500 1000
VCE = 6 V
IC = 1 mA
f = 100 MHz
0
100
300
200
500
400
1.0
0.3
0.1
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
310
30
VCE = 6 V


Similar Part No. - 2SC461

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC461 RENESAS-2SC461 Datasheet
196Kb / 9P
   Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC461 ETC1-2SC461 Datasheet
192Kb / 3P
   TRANSISTOR
logo
Sanyo Semicon Device
2SC4612 SANYO-2SC4612 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SC4613 SANYO-2SC4613 Datasheet
131Kb / 4P
   160V/700mA Switching Applications
2SC4614 SANYO-2SC4614 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
More results

Similar Description - 2SC461

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1907 HITACHI-2SC1907 Datasheet
39Kb / 7P
   Silicon NPN Epitaxial Planar
2SC2776 HITACHI-2SC2776 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC1907 RENESAS-2SC1907 Datasheet
164Kb / 6P
   Silicon NPN Epitaxial Planar
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
   Silicon NPN Epitaxial Planar
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial Planar
logo
Hitachi Semiconductor
2SC1906 HITACHI-2SC1906 Datasheet
45Kb / 8P
   Silicon NPN Epitaxial Planar
2SC2620 HITACHI-2SC2620 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC3391 HITACHI-2SC3391 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC4693 HITACHI-2SC4693 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC1377 ETC-2SC1377 Datasheet
160Kb / 3P
   SILICON NPN EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com