Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS25201A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS25201A
Description  EPIC ULTRA HIGH IMPEDANCE ELECTROPHYSIOLOGICAL SENSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PS25201A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS25201A Datasheet HTML 1Page - List of Unclassifed Manufacturers PS25201A Datasheet HTML 2Page - List of Unclassifed Manufacturers PS25201A Datasheet HTML 3Page - List of Unclassifed Manufacturers PS25201A Datasheet HTML 4Page - List of Unclassifed Manufacturers PS25201A Datasheet HTML 5Page - List of Unclassifed Manufacturers PS25201A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PS25201A/B
Data Sheet 291841 issue 3
PLESSEY SEMICONDUCTORS LTD
TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
3
PIN ASSIGNMENT
Top View
Output
Pin 1
Top View
Vss
Pin 4
Gnd
Pin 2
Vdd
Pin 3
Top View
Output
Pin 1
Top View
Vss
Pin 4
Gnd
Pin 2
Vdd
Pin 3
Fig. 4 Pin Assignment for the PS25201B
MECHANICAL DIMENSIONS
The package diagram is shown below. It is recommended that a solder pad 1.6mm diameter be defined
for the mounting of the sensor pins.
3.44 ± 0.15
0.51
±
0.10
Side
10.50 ± 0.08
0.75
0.75
0.75
0.75
10.50
±
0.08
9.0
9.0
Top
1.35
±
0.35
1.35 ±0.35
10.50
±
0.08
Bottom
7.80 ± 0.64
7.80
±
0.64
φ1.0
10.50 ± 0.08
1.35 ±0.35
1.35
±
0.35
3.44 ± 0.15
0.51
±
0.10
Side
10.50 ± 0.08
0.75
0.75
0.75
0.75
10.50
±
0.08
9.0
9.0
Top
1.35
±
0.35
1.35 ±0.35
10.50
±
0.08
Bottom
7.80 ± 0.64
7.80
±
0.64
φ1.0
10.50 ± 0.08
1.35 ±0.35
1.35
±
0.35
Fig. 5 Mechanical Drawing (all dimensions are nominal and in mm)


Similar Part No. - PS25201A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS25201A ETC2-PS25201A Datasheet
461Kb / 6P
   EPIC Ultra High Impedance Electrophysiological Sensor
More results

Similar Description - PS25201A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS25201A ETC2-PS25201A Datasheet
461Kb / 6P
   EPIC Ultra High Impedance Electrophysiological Sensor
PS25203B ETC2-PS25203B Datasheet
460Kb / 6P
   EPIC Ultra High Impedance Electrophysiological Sensor
PS25203B ETC1-PS25203B Datasheet
460Kb / 6P
   EPIC ULTRA HIGH IMPEDANCE ELECTROPHYSIOLOGICAL SENSOR
PS25405B ETC2-PS25405B Datasheet
611Kb / 5P
   EPIC Ultra High Impedance Movement Sensor
PS25102 ETC2-PS25102 Datasheet
309Kb / 5P
   EPIC Ultra High Impedance ECG Sensor
PS25251 ETC2-PS25251 Datasheet
368Kb / 6P
   EPIC Ultra High Impedance ECG Sensor
PS25451 ETC2-PS25451 Datasheet
290Kb / 5P
   EPIC Ultra High Impedance Movement Sensor
PS25402 ETC2-PS25402 Datasheet
407Kb / 4P
   EPIC Ultra High Impedance Movement Sensor
PS25101 ETC2-PS25101 Datasheet
304Kb / 5P
   EPIC Ultra High Impedance ECG Sensor
PS25401A ETC2-PS25401A Datasheet
536Kb / 5P
   EPIC Ultra High Impedance Movement Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com