Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C252X030FJC Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # C252X030FJC
Description  Mini-Com짰 Surface Mount Boxes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C252X030FJC Datasheet(HTML) 1 Page - PANDUIT CORP.

  C252X030FJC Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
Mini-Com® Surface Mount Boxes
• Accept Mini-Com ® Modules for STP and UTP, fiber optic,
and audio/video, which snap in and out for easy moves,
adds, and changes
• Mount easily with supplied mounting screws, adhesive
tape, or optional magnet (CBM-X)
• Cable entry from side and rear knockouts and from
opening in center of base
• CBXJ2 and CBX2 include built-in removable blank to add
a second module
• Optional adhesive labels available
‡For other colors replace suffix IW (Off White) with EI (Electric Ivory), WH (White), IG (International Gray), or
BL (Black).
*Raceway does not enter box.
Surface mount boxes do not accept icons.
Suggested Label Solutions for TIA/EIA-606-A Compliance
Box
Part Number
Laser/Ink Jet Desktop
Printer Label
TDP43ME Thermal Transfer
Desktop Printer Label
PanTherLS8E
Hand-Held Printer Label
CougarLS9
Hand-Held Printer Label
CBX1**-A
C061X030FJJ
C061X030YPT
C061X030FJC
T031X000FJC-BK
CBXJ2**-A
C125X030FJJ
C125X030YPT
C125X030FJC
CBX2**-AY
CBXC4**-A
C252X030FJJ
C252X030YPT
C252X030FJC
CBX4**-AY
CBXD6**-AY
C379X030FJJ
C379X030YPT
C379X030FJC
CBX12**-AY
CBX1IW-A
CBXJ2IW-A
CBX2IW-AY
CBXC4IW-A
CBX4IW-AY
CBXD6IW-AY
CBX12IW-AY
Component Labels for Mini-Com® Surface Mount Boxes
For complete labeling solutions and product information, reference charts on pages O.1 – O.22
of SA-NCCB51.
Part Number
Part Description
Color‡
Used with
Pan-Way ®
Raceway
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CBX1IW-A
Surface mount box accepts one Mini-Com ®
Module. Dimensions: 0.9"H x 1.01"W x 1.88"L
(22.86mm x 25.65mm x 47.75mm). Rear
knockout provides opening of 0.42"H x 0.26"W.
Off
White
LD3,
LDS3*,
LDPH5
1
10
CBXJ2IW-A
Surface mount box accepts one or two
Mini-Com ® Modules; includes built-in
removable blank to add a second module.
Dimensions: 0.91"H x 1.77"W x 2.44"L
(23.11mm x 44.96mm x 61.98mm). Knockout
provides opening of 0.47"H x 0.36"W.
Off
White
LD5,
LDPH5*
1
10
CBX2IW-AY
Surface mount box accepts one or two
Mini-Com ® Modules; includes built-in
removable blank to add a second module.
Dimensions: 1.06"H x 1.95"W x 3.65"L
(26.92mm x 49.53mm x 92.71mm).
Off
White
LD3,
LDPH3,
LD5,
LDPH5
1
10
CBXC4IW-A
Surface mount box accepts four Mini-Com ®
Modules. Dimensions: 0.91"H x 3.20"W x
3.20"L (23mm x 80mm x 80mm).
Off
White
LDPH5
1
10
CBX4IW-AY
Surface mount box accepts four Mini-Com ®
Modules. Provides slots that accept cable ties
for strain relief. Supplied with label holder/screw
cover. Dimensions: 1.1"H x 2.9"W x 4.5"L
(27.94mm x 73.66mm x 114.30mm).
Off
White
LD3,
LDPH3,
LD5,
LDPH5
1
10
CBXD6IW-AY
Surface mount box accepts six Mini-Com ®
Modules. Provides slots that accept cable ties
for strain relief. Provides bend radius control.
Supplied with label holder/screw cover.
Dimensions: 1.04"H x 4.95"W x 3.79"L
(26.42mm x 125.73mm x 96.27mm).
Off
White
LD3, LD5,
LD10
1
10
CBX12IW-AY
Surface mount box holds up to twelve
Mini-Com ® Modules, six on each side.
Supplied with mounting screws, adhesive
backing, and label holder/screw cover.
Dimensions: 1.035"H x 5.71"W x 5.45"L
(26mm x 145mm x 138mm).
Off
White
LD5, LD10
1
10


Similar Part No. - C252X030FJC

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C252X030FJC PANDUIT-C252X030FJC Datasheet
105Kb / 2P
   Mini-Com All Metal Shielded Modular Patch Panels
C252X030FJC PANDUIT-C252X030FJC Datasheet
124Kb / 1P
   Mini-Com짰 Classic Series Faceplates
More results

Similar Description - C252X030FJC

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CBXF6BL-AY PANDUIT-CBXF6BL-AY Datasheet
186Kb / 2P
   Mini-Com짰 Multi-Media/ Fiber Surface Mount Boxes
CHS2IW-X PANDUIT-CHS2IW-X Datasheet
246Kb / 1P
   Mini-Com짰 Inserts
NK2BXIW-A PANDUIT-NK2BXIW-A Datasheet
182Kb / 2P
   NetKey??Surface Mount Boxes
logo
List of Unclassifed Man...
A508 ETC2-A508 Datasheet
104Kb / 2P
   Surface Mount Back Boxes
logo
PANDUIT CORP.
CFP1IW PANDUIT-CFP1IW Datasheet
124Kb / 1P
   Mini-Com짰 Classic Series Faceplates
CFFPHM4BL PANDUIT-CFFPHM4BL Datasheet
243Kb / 2P
   Mini-Com짰 Modular Furniture Faceplates
1/2015
CFPE1IWY PANDUIT-CFPE1IWY Datasheet
1Mb / 1P
   Mini-Com짰 Executive Series Faceplates
CMNZABL-X PANDUIT-CMNZABL-X Datasheet
119Kb / 2P
   Mini-Com짰 One Position Adapters
CMRPRIW PANDUIT-CMRPRIW Datasheet
81Kb / 2P
   Mini-Com짰 RCA Pass-Through Modules
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
   Mini-Com짰 TX5e??UTP Jack Modules
4/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com