Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5768 Datasheet(PDF) 1 Page - Sensitron

Part # 1N5768
Description  ISOLATED DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N5768 Datasheet(HTML) 1 Page - Sensitron

  1N5768 Datasheet HTML 1Page - Sensitron 1N5768 Datasheet HTML 2Page - Sensitron 1N5768 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5151, REV. -
Isolated Diode Array
Applications:
• High Frequency Data Lines
• RS-323 & RS-432 Networks
• LAN, Ethernet, I/O Ports
• IEC61000-4 compatible for ESD / EFT / Surge
Features:
Protects up to 8 I/O Ports
Isolated diodes eliminate crosstalk
High Density Packaging
High Breakdown Voltage; High Speed Switching (< 10 nsec)
Low Capacitance; Low Leakage
Hermetic Ceramic package
TX, TXV, S level screening available
Maximum Ratings:
All ratings are at 25
oC unless otherwise noted
Characteristics
Symbol
Condition
Max.
Units
Reverse Breakdown Voltage
VBR
Per diode @ 10 µA
60
Vdc
Continuous Forward Current
IO
Per diode, Derate at 2.4 mA/°C
above +25 °C
300
mA
Peak Surge Current
IFSM
Per diode, tP = 8.3 msec
500
mA
Power Dissipation
PD
Per Junction, Derate at
4.0 mW/°C above +25 °C
400
mW
Power Dissipation
PD
Per Package, Derate at
4 mW/
oC above 25 oC
500
mW
Max. Operating Temperature
TJ
-
-65 to +150
°C
Max. Storage Temperature
Tstg
-
-65 to +200
°C
Electrical Characteristics:
All ratings are per diode and at 25
oC unless otherwise noted
Characteristics
Symbol
Condition
Max.
Units
VF1
If = 100mAdc
1.00
V
Max. Forward Voltage Drop
VF2
Pulsed
PW = 300 µs
If = 500mAdc
1.50
V
Max. Reverse Current
IR1
@VR = 40V
0.1
µA
Max. Capacitance
(Pin to Pin)
CT
@VR = 0V, f =1MHz
4
pF
Max. Forward Recovery
Time
TFR
IF = 500mA
40
ns
Max. Reverse Recovery
Time
TRR
IF = IR = 200 mA dc, IRR = 20
mA dc, RL = 100 ohms
20
ns
1N5768


Similar Part No. - 1N5768

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5768 MICROSEMI-1N5768 Datasheet
19Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5768 MICROSEMI-1N5768 Datasheet
85Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N5768 MICROSEMI-1N5768 Datasheet
63Kb / 4P
   ISOLATED DIODE ARRAY
1N5768 MICROSEMI-1N5768_09 Datasheet
63Kb / 4P
   ISOLATED DIODE ARRAY
1N5768 MICROSEMI-1N5768_1 Datasheet
85Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
More results

Similar Description - 1N5768

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5768 MICROSEMI-1N5768_09 Datasheet
63Kb / 4P
   ISOLATED DIODE ARRAY
logo
Sensitron
1N6101 SENSITRON-1N6101 Datasheet
103Kb / 2P
   ISOLATED DIODE ARRAY
1N6508 SENSITRON-1N6508 Datasheet
187Kb / 3P
   ISOLATED DIODE ARRAY
1N6510 SENSITRON-1N6510_13 Datasheet
138Kb / 3P
   Isolated Diode Array
1N5772 SENSITRON-1N5772 Datasheet
44Kb / 3P
   ISOLATED DIODE ARRAY
logo
Microsemi Corporation
1N6101 MICROSEMI-1N6101_09 Datasheet
64Kb / 4P
   ISOLATED DIODE ARRAY
logo
Sensitron
1N5774 SENSITRON-1N5774 Datasheet
37Kb / 3P
   ISOLATED DIODE ARRAY
logo
Microsemi Corporation
1N5770 MICROSEMI-1N5770 Datasheet
19Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6506 MICROSEMI-1N6506 Datasheet
21Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6511 MICROSEMI-1N6511 Datasheet
21Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com