Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MC31-5R6MF Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MC31-5R6MF
Description  Saturation current rating up to 15.3 Amps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MC31-5R6MF Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MC31-5R6MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC31-5R6MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC31-5R6MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC31-5R6MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC31-5R6MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
 
 
2 
1MC Series
Unshielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MC‐2013A
Accetek 
D SPECIFICATIONS
Inductance1
DCR2
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
1MC31-1R0MF
1.0
±20%
0.048
0.058
1.60
2.24
1MC31-1R5MF
1.5
±20%
0.065
0.078
1.55
2.17
1MC31-2R2MF
2.2
±20%
0.083
0.100
1.47
1.91
1MC31-3R3MF
3.3
±20%
0.105
0.126
1.34
1.61
1MC31-3R9MF
3.9
±20%
0.117
0.140
1.24
1.36
1MC31-4R7MF
4.7
±20%
0.132
0.158
1.22
1.34
1MC31-5R6MF
5.6
±20%
0.155
0.186
1.09
1.20
1MC31-6R8MF
6.8
±20%
0.178
0.213
0.96
1.06
1MC31-8R2MF
8.2
±20%
0.198
0.238
0.84
0.92
1MC31-100MF
10
±20%
0.256
0.307
0.70
0.77
1MC32-1R0MF
1.0
±20%
0.040
0.048
1.75
2.45
1MC32-2R2MF
2.2
±20%
0.060
0.072
1.68
2.18
1MC32-3R3MF
3.3
±20%
0.090
0.108
1.58
1.90
1MC32-4R7MF
4.7
±20%
0.143
0.172
1.50
1.65
1MC32-5R6MF
5.6
±20%
0.160
0.192
1.36
1.50
1MC32-6R8MF
6.8
±20%
0.183
0.219
1.22
1.34
1MC32-8R2MF
8.2
±20%
0.206
0.247
1.09
1.20
1MC32-100MF
10
±20%
0.238
0.286
0.95
1.05
1MC32-120MF
12
±20%
0.271
0.325
0.88
0.97
1MC32-150MF
15
±20%
0.390
0.468
0.82
0.90
1MC32-180MF
18
±20%
0.455
0.546
0.76
0.84
1MC43-1R0MF
1.0
±20%
0.014
0.049
4.00
5.72
1MC43-1R4MF
1.4
±20%
0.022
0.056
3.40
5.04
1MC43-1R8MF
1.8
±20%
0.028
0.064
2.70
3.60
1MC43-2R2MF
2.2
±20%
0.034
0.071
2.50
3.38
1MC43-2R7MF
2.7
±20%
0.039
0.079
2.25
2.97
1MC43-3R3MF
3.3
±20%
0.041
0.086
2.00
2.88
1MC43-3R9MF
3.9
±20%
0.054
0.094
1.88
2.57
1MC43-4R7MF
4.7
±20%
0.059
0.110
1.82
2.46
1MC43-5R6MF
5.6
±20%
0.069
0.126
1.58
2.43
1MC43-6R8MF
6.8
±20%
0.076
0.131
1.54
2.10
1MC43-8R2MF
8.2
±20%
0.116
0.146
1.50
1.80
1MC43-100MF
10
±20%
0.118
0.182
1.45
1.74
1MC43-120MF
12
±20%
0.156
0.210
1.28
1.62
1MC43-150MF
15
±20%
0.204
0.235
1.20
1.46
1MC43-180MF
18
±20%
0.225
0.338
1.10
1.29
1MC43-220MF
22
±20%
0.261
0.370
1.00
1.22
1MC43-270KF
27
±10%
0.328
0.522
0.94
1.00
1MC43-330KF
33
±10%
0.370
0.540
0.86
0.90
1MC43-390KF
39
±10%
0.418
0.870
0.77
0.87
1MC43-470KF
47
±10%
0.523
0.844
0.68
0.77
1MC43-560KF
56
±10%
0.714
0.937
0.64
0.75


Similar Part No. - 1MC31-5R6MF

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC04-004-03 RMT-1MC04-004-03 Datasheet
2Mb / 9P
   Blank ceramics (not metallized) Metallized (Au plating)
1MC04-004-05 RMT-1MC04-004-05 Datasheet
241Kb / 4P
   Thermoelectric Module
1MC04-004-05 RMT-1MC04-004-05 Datasheet
2Mb / 9P
   Blank ceramics (not metallized) Metallized (Au plating)
1MC04-004-08 RMT-1MC04-004-08 Datasheet
241Kb / 4P
   Thermoelectric Module
1MC04-004-08 RMT-1MC04-004-08 Datasheet
2Mb / 9P
   Blank ceramics (not metallized) Metallized (Au plating)
More results

Similar Description - 1MC31-5R6MF

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
   Up to 15.3 Mbps in 2-wire operation
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Pulse A Technitrol Comp...
PE-53653NLT PULSE-PE-53653NLT Datasheet
181Kb / 2P
   Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz
logo
Crydom Inc.,
DR24D03 CRYDOM-DR24D03 Datasheet
854Kb / 7P
   Rating 3 Amps
logo
Nell Semiconductor Co.,...
2000PT NELLSEMI-2000PT Datasheet
3Mb / 2P
   Voltage rating up to 1600V
1260PT NELLSEMI-1260PT Datasheet
1Mb / 2P
   Voltage rating up to 1200V
2500PT NELLSEMI-2500PT Datasheet
2Mb / 3P
   Voltage rating up to 1600V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com