Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MA74-1R5NF Datasheet(PDF) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MA74-1R5NF
Description  Shielded Construction with very low DCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MA74-1R5NF Datasheet(HTML) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MA74-1R5NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA74-1R5NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA74-1R5NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA74-1R5NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA74-1R5NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA74-1R5NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA74-1R5NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA74-1R5NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA74-1R5NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
 
 
 
3 
1MA Series
Shielded Power Inductor– Low DCR Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MA‐2013A
Accetek 
 
XXX
1
2
1
2
15.50 Max
[0.610]
15.50 Max
[0.610]
11.00 Max
[0.433]
2.50 Typ
[0.098]
5.50 Typ
[0.217]
Land Pattern
17.00
[0.669]
6.80
[0.268]
4.50
[0.177]
XXX = Inductance value
D SPECIFICATIONS
Inductance2
DCR3
Drawing Fig.
Part Number1
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms4(A)
Isat5 (A)
Metal Base
Plastic Base
1MA73-R33NF_
0.33
±30%
0.0074
0.0111
6.19
11.00
A1
A2
1MA73-1R0NF_
1.00
±30%
0.0103
0.0155
5.25
6.40
A1
A2
1MA73-1R5NF_
1.50
±30%
0.0132
0.0198
4.64
5.60
A1
A2
1MA73-2R2NF_
2.20
±30%
0.0167
0.0234
4.11
4.80
A1
A2
1MA73-3R3NF_
3.30
±30%
0.0259
0.0311
3.31
4.20
A1
A2
1MA73-4R7MF_
4.70
±20%
0.0297
0.0356
3.09
3.60
A1
A2
1MA73-6R8MF_
6.80
±20%
0.0435
0.0522
2.55
2.90
A1
A2
1MA73-8R2MF_
8.20
±20%
0.0592
0.0690
2.19
2.70
A1
A2
1MA73-100MF_
10.0
±20%
0.0656
0.0720
2.08
2.20
A1
A2
1MA73-150MF_
15.0
±20%
0.0844
0.1013
1.83
1.80
A1
A2
1MA73-220MF_
22.0
±20%
0.107
0.128
1.62
1.50
A1
A2
1MA73-330MF_
33.0
±20%
0.166
0.199
1.31
1.20
A1
A2
1MA73-470MF_
47.0
±20%
0.241
0.289
1.08
1.00
A1
A2
1MA73-680MF_
68.0
±20%
0.358
0.430
0.89
0.85
A1
A2
1MA73-820MF_
82.0
±20%
0.384
0.461
0.86
0.80
A1
A2
1MA73-101MF_
100
±20%
0.527
0.632
0.73
0.76
A1
A2
1MA73-151MF_
150
±20%
0.851
1.021
0.58
0.53
A1
A2
1MA73-221MF_
220
±20%
1.050
1.260
0.52
0.49
A1
A2
1MA73-331MF_
330
±20%
1.590
1.908
0.42
0.40
A1
A2
1MA73-471MF_
470
±20%
2.360
2.832
0.35
0.33
A1
A2
1MA73-681MF_
680
±20%
3.470
4.164
0.29
0.26
A1
A2
1MA73-821MF_
820
±20%
3.930
4.716
0.27
0.23
A1
A2
1MA73-102MF_
1000
±20%
4.340
5.208
0.26
0.21
A1
A2
1MA74-R33NF_
0.33
±30%
0.0074
0.0111
6.20
12.50
B1
B2
1MA74-1R0NF_
1.00
±30%
0.0100
0.0150
5.33
10.20
B1
B2
1MA74-1R5NF_
1.50
±30%
0.0115
0.0173
4.96
7.50
B1
B2
1MA74-2R2NF_
2.20
±30%
0.0130
0.0182
4.66
6.50
B1
B2
1MA74-3R3NF_
3.30
±30%
0.0183
0.0220
3.94
5.20
B1
B2
1MA74-4R7MF_
4.70
±20%
0.0254
0.0305
3.34
4.10
B1
B2
1MA74-5R6MF_
5.60
±20%
0.0350
0.0420
3.00
3.90
B1
B2
1MA74-6R8MF_
6.80
±20%
0.0418
0.0460
2.60
3.70
B1
B2
1MA74-8R2MF_
8.20
±20%
0.0441
0.0485
2.53
3.30
B1
B2
1MA74-100MF_
10.0
±20%
0.0450
0.0490
2.41
2.80
B1
B2
1MA159


Similar Description - 1MA74-1R5NF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MB ACCETEK-1MB Datasheet
300Kb / 6P
   Shielded Construction with low DCR
logo
Bourns Electronic Solut...
1140-1R8M-RC BOURNS-1140-1R8M-RC Datasheet
434Kb / 1P
   Very high current capacity Low DCR
logo
Linear Technology
LTC3866EUF LINER-LTC3866EUF Datasheet
280Kb / 8P
   High Efficiency Step-Down Converter with Very Low DCR Inductor
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
logo
Linear Technology
LTC3875EUJ LINER-LTC3875EUJ Datasheet
921Kb / 10P
   High Efficient, Single Output Synchronous Buck Converter with Very Low DCR Inductor
logo
TOKO, Inc
FDV0618 TOKO-FDV0618 Datasheet
120Kb / 1P
   Magnetically shielded construction, low DC resistance
logo
Linear Technology
LTC3774EUHE LINER-LTC3774EUHE Datasheet
2Mb / 12P
   High Efficiency Dual Output Step-Down Converter with Very Low DCR Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com