Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MC32-4R7MF Datasheet(PDF) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MC32-4R7MF
Description  Saturation current rating up to 15.3 Amps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MC32-4R7MF Datasheet(HTML) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MC32-4R7MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC32-4R7MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC32-4R7MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC32-4R7MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC32-4R7MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
 
3 
1MC Series
Unshielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MC‐2013A
Accetek 
Inductance1
DCR2
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
1MC43-680KF
68
±10%
0.754
1.117
0.56
0.68
1MC43-820KF
82
±10%
1.003
1.180
0.43
0.60
1MC43-101KF
100
±10%
1.012
1.190
0.41
0.58
1MC54-R33MF
0.33
±20%
0.0060
0.0080
10.80
15.30
1MC54-2R2MF
2.2
±20%
0.0260
0.0410
4.60
8.20
1MC54-2R7MF
2.7
±20%
0.0320
0.045
4.00
8.00
1MC54-3R3MF
3.3
±20%
0.042
0.060
4.00
7.50
1MC54-4R7MF
4.7
±20%
0.056
0.071
3.00
5.50
1MC54-6R8MF
6.8
±20%
0.071
0.082
2.40
5.00
1MC54-100MF
10
±20%
0.078
0.100
2.20
2.50
1MC54-120MF
12
±20%
0.082
0.110
2.00
1.94
1MC54-150MF
15
±20%
0.089
0.140
1.53
1.90
1MC54-180MF
18
±20%
0.104
0.150
1.45
1.69
1MC54-220MF
22
±20%
0.109
0.180
1.28
1.53
1MC54-270MF
27
±20%
0.133
0.200
1.19
1.40
1MC54-330LF
33
±15%
0.150
0.230
1.09
1.17
1MC54-390LF
39
±15%
0.215
0.320
0.94
1.10
1MC54-470LF
47
±15%
0.260
0.370
0.86
1.00
1MC54-560KF
56
±10%
0.298
0.420
0.77
0.90
1MC54-680KF
68
±10%
0.313
0.460
0.64
0.86
1MC54-820KF
82
±10%
0.475
0.600
0.60
0.72
1MC54-101KF
100
±10%
0.510
0.650
0.57
0.68
1MC54-121KF
120
±10%
0.660
0.930
0.49
0.63
1MC54-151KF
150
±10%
0.720
1.100
0.46
0.54
1MC54-181KF
180
±10%
0.850
1.380
0.42
0.50
1MC54-221KF
220
±10%
0.945
1.570
0.42
0.47
1MC75-2R2MF
2.2
±20%
0.0080
0.0150
6.00
6.00
1MC75-3R3MF
3.3
±20%
0.0120
0.0180
4.90
4.90
1MC75-4R7MF
4.7
±20%
0.0160
0.0190
4.50
4.50
1MC75-5R6MF
5.6
±20%
0.0180
0.0220
4.00
4.00
1MC75-6R8MF
6.8
±20%
0.0220
0.0260
3.70
3.80
1MC75-8R2MF
8.2
±20%
0.029
0.040
3.20
3.20
1MC75-100KF
10
±10%
0.044
0.070
2.30
2.95
1MC75-120KF
12
±10%
0.042
0.080
2.18
2.20
1MC75-150KF
15
±10%
0.044
0.090
1.93
2.23
1MC75-180KF
18
±10%
0.053
0.100
1.89
2.14
1MC75-220KF
22
±10%
0.065
0.110
1.76
1.81
1MC75-270KF
27
±10%
0.074
0.120
1.48
1.62
1MC75-330KF
33
±10%
0.088
0.130
1.35
1.47
1MC75-390KF
39
±10%
0.116
0.160
1.25
1.33
1MC75-470KF
47
±10%
0.134
0.180
1.18
1.24
1MC75-560KF
56
±10%
0.189
0.240
1.04
1.14
1MC75-680KF
68
±10%
0.218
0.280
0.99
1.05
1MC75-820KF
82
±10%
0.248
0.370
0.90
0.95


Similar Part No. - 1MC32-4R7MF

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC04-004-03 RMT-1MC04-004-03 Datasheet
2Mb / 9P
   Blank ceramics (not metallized) Metallized (Au plating)
1MC04-004-05 RMT-1MC04-004-05 Datasheet
241Kb / 4P
   Thermoelectric Module
1MC04-004-05 RMT-1MC04-004-05 Datasheet
2Mb / 9P
   Blank ceramics (not metallized) Metallized (Au plating)
1MC04-004-08 RMT-1MC04-004-08 Datasheet
241Kb / 4P
   Thermoelectric Module
1MC04-004-08 RMT-1MC04-004-08 Datasheet
2Mb / 9P
   Blank ceramics (not metallized) Metallized (Au plating)
More results

Similar Description - 1MC32-4R7MF

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
   Up to 15.3 Mbps in 2-wire operation
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Pulse A Technitrol Comp...
PE-53653NLT PULSE-PE-53653NLT Datasheet
181Kb / 2P
   Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz
logo
Crydom Inc.,
DR24D03 CRYDOM-DR24D03 Datasheet
854Kb / 7P
   Rating 3 Amps
logo
Nell Semiconductor Co.,...
2000PT NELLSEMI-2000PT Datasheet
3Mb / 2P
   Voltage rating up to 1600V
1260PT NELLSEMI-1260PT Datasheet
1Mb / 2P
   Voltage rating up to 1200V
2500PT NELLSEMI-2500PT Datasheet
2Mb / 3P
   Voltage rating up to 1600V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com