Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MB73-471MF Datasheet(PDF) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MB73-471MF
Description  Shielded Construction with low DCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MB73-471MF Datasheet(HTML) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MB73-471MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB73-471MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB73-471MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB73-471MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB73-471MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB73-471MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
 
 
 
3 
1MB Series
Shielded Power Inductor– Low Cost Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                          Ver.:1MB‐2014A
Accetek 
Part Number
Inductance(μH)
Test Freq.
Tolerance
DCR1 Max.(Ω)
IRated2
1MB74-181MF
180
1KHz, 0.3V
±20%
0.980
0.42
1MB74-221MF
220
1KHz, 0.3V
±20%
1.170
0.36
1MB74-271MF
270
1KHz, 0.3V
±20%
1.640
0.34
1MB74-331MF
330
1KHz, 0.3V
±20%
1.860
0.32
1MB74-391MF
390
1KHz, 0.3V
±20%
2.850
0.29
1MB74-471MF
470
1KHz, 0.3V
±20%
3.010
0.26
1MB74-561MF
560
1KHz, 0.3V
±20%
3.620
0.23
1MB74-681MF
680
1KHz, 0.3V
±20%
4.630
0.22
1MB74-821MF
820
1KHz, 0.3V
±20%
5.200
0.20
1MB74-102MF
1000
1KHz, 0.3V
±20%
6.000
0.18
1MB124-1R0NF
1.0
100KHz, 0.3V
±30%
0.010
8.00
1MB124-2R2NF
2.2
100KHz, 0.3V
±30%
0.014
4.90
1MB124-3R3NF
3.3
100KHz, 0.3V
±30%
0.015
4.50
1MB124-4R7NF
4.7
100KHz, 0.3V
±30%
0.018
5.70
1MB124-5R6NF
5.6
100KHz, 0.3V
±30%
0.020
5.20
1MB124-6R8NF
6.8
100KHz, 0.3V
±30%
0.023
4.90
1MB124-8R2NF
8.2
100KHz, 0.3V
±30%
0.026
4.60
1MB124-100MF
10
1KHz, 0.3V
±20%
0.028
4.50
1MB124-120MF
12
1KHz, 0.3V
±20%
0.038
4.00
1MB124-150MF
15
1KHz, 0.3V
±20%
0.050
3.20
1MB124-180MF
18
1KHz, 0.3V
±20%
0.057
3.10
1MB124-220MF
22
1KHz, 0.3V
±20%
0.066
2.90
1MB124-270MF
27
1KHz, 0.3V
±20%
0.080
2.80
1MB124-330MF
33
1KHz, 0.3V
±20%
0.097
2.70
1MB124-390MF
39
1KHz, 0.3V
±20%
0.132
2.10
1MB124-470MF
47
1KHz, 0.3V
±20%
0.160
1.90
1MB124-560MF
56
1KHz, 0.3V
±20%
0.190
1.80
1MB124-680MF
68
1KHz, 0.3V
±20%
0.220
1.50
1MB124-820MF
82
1KHz, 0.3V
±20%
0.260
1.30
1MB124-101MF
100
1KHz, 0.3V
±20%
0.310
1.20
1MB124-121MF
120
1KHz, 0.3V
±20%
0.380
1.10
1MB124-151MF
150
1KHz, 0.3V
±20%
0.530
0.95
1MB124-181MF
180
1KHz, 0.3V
±20%
0.620
0.85
1MB124-221MF
220
1KHz, 0.3V
±20%
0.700
0.80
1MB124-271MF
270
1KHz, 0.3V
±20%
0.870
0.60
1MB124-331MF
330
1KHz, 0.3V
±20%
0.990
0.50
1MB125-1R0NF
1.0
100KHz, 0.3V
±30%
0.010
8.00
1MB125-2R2NF
2.2
100KHz, 0.3V
±30%
0.014
7.80
1MB125-3R3NF
3.3
100KHz, 0.3V
±30%
0.014
8.00
1MB125-8R2NF
8.2
100KHz, 0.3V
±30%
0.021
4.40
1MB125-100MF
10
1KHz, 0.3V
±20%
0.025
4.00
1MB125-120MF
12
1KHz, 0.3V
±20%
0.027
3.50
1MB125-150MF
15
1KHz, 0.3V
±20%
0.030
3.30
1MB125-180MF
18
1KHz, 0.3V
±20%
0.034
3.00
1MB125-220MF
22
1KHz, 0.3V
±20%
0.036
2.80


Similar Part No. - 1MB73-471MF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MB03D-120 FUJI-1MB03D-120 Datasheet
192Kb / 5P
   Fuji Discrete Package IGBT
1MB05-120 FUJI-1MB05-120 Datasheet
234Kb / 4P
   Fuji Discrete Package IGBT
1MB05D-120 FUJI-1MB05D-120 Datasheet
270Kb / 5P
   Fuji Discrete Package IGBT
1MB08-120 FUJI-1MB08-120 Datasheet
234Kb / 4P
   Fuji Discrete Package IGBT
1MB08-120 FUJI-1MB08-120 Datasheet
286Kb / 5P
   1200V / 8A Molded Package
More results

Similar Description - 1MB73-471MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MA ACCETEK-1MA Datasheet
327Kb / 9P
   Shielded Construction with very low DCR
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
logo
TOKO, Inc
FDV0618 TOKO-FDV0618 Datasheet
120Kb / 1P
   Magnetically shielded construction, low DC resistance
FDUM0640 TOKO-FDUM0640 Datasheet
101Kb / 1P
   Magnetically shielded construction, low DC resistance.
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com