Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5246 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC5246
Description  Silicon NPN Epitaxial
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5246 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC5246 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5246 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5246 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5246 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5246 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5246 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5246 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5246 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5246 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2SC5246
Silicon NPN Epitaxial
ADE-208-264
1st. Edition
Application
VHF / UHF wide band amplifier
Features
• High gain bandwidth product
f
T = 12 GHz typ
• High gain, low noise figure
PG = 16.5 dB typ, NF = 1.6 dB typ at f = 900 MHz
Outline
1
2
3
1. Emitter
2. Base
3. Collector
SMPAK


Similar Part No. - 2SC5246

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC524 TOSHIBA-2SC524 Datasheet
230Kb / 3P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH VOLTAGE SWITCHING APPLICATIONS. REGULATOR APPLICATIONS.
logo
Shindengen Electric Mfg...
2SC5241 SHINDENGEN-2SC5241 Datasheet
508Kb / 12P
   Switching Power Transistor(5A NPN)
logo
Inchange Semiconductor ...
2SC5241 ISC-2SC5241 Datasheet
84Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5241 SAVANTIC-2SC5241 Datasheet
213Kb / 3P
   Silicon NPN Power Transistors
2SC5241 SAVANTIC-2SC5241 Datasheet
214Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC5246

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com