Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ME3010-560MF Datasheet(PDF) 8 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME3010-560MF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME3010-560MF Datasheet(HTML) 8 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Back Button 1ME3010-560MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3010-560MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3010-560MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3010-560MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3010-560MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3010-560MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3010-560MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3010-560MF Datasheet HTML 10Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3010-560MF Datasheet HTML 11Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
 
 
 
8 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
Inductance1
DCR2
Drawing
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
Fig.
1ME6020-2R7NF
2.7
±30%
0.035
0.046
2.60
3.90
B
1ME6020-3R3NF
3.3
±30%
0.035
0.046
2.60
3.15
B
1ME6020-3R9NF
3.9
±30%
0.049
0.064
2.10
3.25
B
1ME6020-4R3NF
4.3
±30%
0.049
0.064
2.10
2.70
B
1ME6020-4R7NF
4.7
±30%
0.058
0.075
2.00
3.00
B
1ME6020-5R6NF
5.6
±30%
0.058
0.075
1.90
2.40
B
1ME6020-6R2NF
6.2
±30%
0.079
0.103
1.80
2.30
B
1ME6020-6R8NF
6.8
±30%
0.079
0.103
1.80
2.20
B
1ME6020-8R2NF
8.2
±30%
0.105
0.137
1.40
2.10
B
1ME6020-100MF
10
±20%
0.105
0.137
1.40
1.75
B
1ME6020-120MF
12
±20%
0.120
0.156
1.30
1.45
B
1ME6020-150MF
15
±20%
0.145
0.189
1.20
1.20
B
1ME6020-180MF
18
±20%
0.180
0.234
1.08
1.20
B
1ME6020-220MF
22
±20%
0.204
0.265
1.00
1.05
B
1ME6028-1R0NF
1.0
±30%
0.010
0.013
5.20
5.75
B
1ME6028-1R5NF
1.5
±30%
0.013
0.017
4.58
6.00
B
1ME6028-2R2NF
2.2
±30%
0.020
0.026
3.75
5.10
B
1ME6028-2R7NF
2.7
±30%
0.020
0.026
3.75
3.80
B
1ME6028-3R3NF
3.3
±30%
0.025
0.033
3.48
4.15
B
1ME6028-4R7NF
4.7
±30%
0.030
0.039
3.08
3.00
B
1ME6028-5R1NF
5.1
±30%
0.043
0.056
2.60
3.20
B
1ME6028-6R2MF
6.2
±20%
0.047
0.061
2.40
3.05
B
1ME6028-6R8MF
6.8
±20%
0.047
0.061
2.40
2.60
B
1ME6028-8R2MF
8.2
±20%
0.055
0.072
2.25
2.30
B
1ME6028-9R1MF
9.1
±20%
0.074
0.096
2.15
2.55
B
1ME6028-100MF
10
±20%
0.072
0.094
1.95
2.04
B
1ME6028-120MF
12
±20%
0.080
0.104
1.85
1.80
B
1ME6028-150MF
15
±20%
0.125
0.163
1.45
1.75
B
1ME6028-180MF
18
±20%
0.120
0.156
1.45
1.52
B
1ME6028-220MF
22
±20%
0.140
0.182
1.40
1.45
B
1ME6028-270MF
27
±20%
0.155
0.202
1.32
1.50
B
1ME6028-330MF
33
±20%
0.185
0.241
1.22
1.35
B
1ME6028-360MF
36
±20%
0.215
0.280
1.13
1.25
B
1ME6028-390MF
39
±20%
0.225
0.293
1.10
1.25
B
1ME6028-470MF
47
±20%
0.315
0.410
1.06
1.15
B
1ME6028-680MF
68
±20%
0.360
0.468
0.86
0.90
B
1ME6028-750MF
75
±20%
0.410
0.533
0.81
0.90
B
1ME6028-820MF
82
±20%
0.500
0.650
0.70
0.80
B
1ME6028-101MF
100
±20%
0.500
0.650
0.70
0.65
B
1ME6045-R82NF
0.82
±30%
0.008
0.010
5.90
10.40
B
1ME6045-1R0NF
1.00
±30%
0.011
0.014
5.14
9.85
B
1ME6045-1R2NF
1.20
±30%
0.010
0.013
5.40
8.35
B
1ME6045-1R5NF
1.50
±30%
0.012
0.016
4.95
8.80
B
1ME6045-1R8NF
1.80
±30%
0.012
0.016
4.95
7.60
B
1ME6045-2R2NF
2.20
±30%
0.014
0.018
4.60
6.75
B
1ME6045-2R3NF
2.30
±30%
0.021
0.027
3.50
6.00
B
1ME6045-2R7NF
2.70
±30%
0.015
0.020
4.30
5.75
B
1ME6045-3R0NF
3.00
±30%
0.020
0.026
3.80
5.60
B
1ME6045-3R3NF
3.30
±30%
0.021
0.027
3.70
5.90
B
1ME6045-3R6NF
3.60
±30%
0.021
0.027
3.70
5.25
B
1ME6045-4R3MF
4.30
±20%
0.023
0.030
3.50
4.45
B
1ME6045-4R7MF
4.70
±20%
0.026
0.034
3.30
4.97
B
1ME6045-5R1MF
5.10
±20%
0.026
0.034
3.30
4.40
B
1ME6045-5R6MF
5.60
±20%
0.029
0.038
3.15
4.15
B
1ME6045-6R2MF
6.20
±20%
0.031
0.040
3.00
4.43
B
1ME6045-6R8MF
6.80
±20%
0.031
0.040
3.00
3.90
B
1ME6045-7R5MF
7.50
±20%
0.034
0.044
2.90
3.50
B


Similar Part No. - 1ME3010-560MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME3012H-100MF ACCETEK-1ME3012H-100MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-1R0MF ACCETEK-1ME3012H-1R0MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-220MF ACCETEK-1ME3012H-220MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-2R2MF ACCETEK-1ME3012H-2R2MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-3R3MF ACCETEK-1ME3012H-3R3MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
More results

Similar Description - 1ME3010-560MF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
   MAGNETIC EPOXY SHIELDED
logo
MPS Industries, Inc.
PSF109 MPSIND-PSF109 Datasheet
474Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF74 MPSIND-PSF74 Datasheet
498Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
List of Unclassifed Man...
3410VM ETC-3410VM Datasheet
154Kb / 2P
   U.V and/or Visible light and/or Heat Curable One Component Epoxy
12/2004
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
   Magnetic Component Specification
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com