Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MF104-101MF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MF104-101MF
Description  Shielded Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MF104-101MF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MF104-101MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MF104-101MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MF104-101MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MF104-101MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
 
1 
1MF Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1MF‐2014A
Accetek 
A FEATURES
 Shielded Construction with low DCR
 Saturation current rating up to 13.5 Amps
 Inductance ratings from 0.8 to 1000 µH
 Widely applications, highly recommend to use as Buck, Boost, or Forward inductor
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
 260°C reflow peak temperature qualified
B PART NUMBER SYSTEM
1MF
105
-
100
M
F
❶ 
❷ 
 
❸ 
❹ 
❺ 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
1MF
Series Code
103 (10.0×10.2×3.0)
104 (10.0×10.2×4.0)
105 (10.0×10.2×5.0)
❸ 
Inductance Code
e.g.
Calculation
❹ 
Inductance Tolerance
2R2
2.2μH
K
±10%
100
10×100μH = 10μH
M
±20%
101
10×101μH = 100μH
N
±30%
❺ 
RoHS Compliant
C DRAWINGS AND DIMENSIONS
 
1MF103
1MF104
10.0±0,3
[0,394±0,012]
10,2±0,3
[0,402±0,012]
3.0±0,1
[0,118±0,004]
7,7±0,3
[0,303±0,012]
3.0 Max
[0,118]
Land Pattern
3,5
[0,138]
2.0
[0,079] 11.0
[0,433]
10.0±0,3
[0,394±0,012]
10,2±0,3
[0,402±0,012]
3.0±0,1
[0,118±0,004]
7,7±0,3
[0,303±0,012]
4.0 Max
[0,157]
Land Pattern
3,5
[0,138]
2.0
[0,079] 11.0
[0,433]
1MF105
Schematic
10.0±0,3
[0,394±0,012]
10,2±0,3
[0,402±0,012]
5.0 Max
[0,197]
3.0±0,1
[0,118±0,004]
7,7±0,3
[0,303±0,012]
Land Pattern
3,5
[0,138]
2.0
[0,079] 11.0
[0,433]
 
1
2
XXX = Inductance value


Similar Part No. - 1MF104-101MF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1MF26-L560-00C-100 3M-1MF26-L560-00C-100 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L560-00C-200 3M-1MF26-L560-00C-200 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L560-00C-500 3M-1MF26-L560-00C-500 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L560-00C-A00 3M-1MF26-L560-00C-A00 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L576-00C-100 3M-1MF26-L576-00C-100 Datasheet
417Kb / 7P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
More results

Similar Description - 1MF104-101MF

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com