Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MD3D11-220MF Datasheet(PDF) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MD3D11-220MF
Description  Available for ultra low profile
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MD3D11-220MF Datasheet(HTML) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MD3D11-220MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D11-220MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D11-220MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D11-220MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D11-220MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D11-220MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D11-220MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D11-220MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D11-220MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
 
 
 
5 
1MD Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MD‐2012A
Accetek 
Inductance
DCR
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms(A)
Isat(A)
1MD4D18-2R2NF
2.2
±30%
0.058
0.075
1.76
1.32
1MD4D18-2R7NF
2.7
±30%
0.080
0.105
1.50
1.28
1MD4D18-3R3NF
3.3
±30%
0.085
0.110
1.46
1.04
1MD4D18-3R9NF
3.9
±30%
0.120
0.155
1.22
0.88
1MD4D18-4R7NF
4.7
±30%
0.125
0.162
1.20
0.84
1MD4D18-5R6NF
5.6
±30%
0.130
0.170
1.18
0.80
1MD4D18-6R8NF
6.8
±30%
0.155
0.200
1.08
0.76
1MD4D18-8R2NF
8.2
±30%
0.190
0.245
0.97
0.68
1MD4D18-100MF
10
±20%
0.148
0.200
1.10
0.61
1MD4D18-120MF
12
±20%
0.156
0.210
1.07
0.56
1MD4D18-150MF
15
±20%
0.178
0.240
1.01
0.50
1MD4D18-180MF
18
±20%
0.250
0.338
0.85
0.48
1MD4D18-220MF
22
±20%
0.294
0.397
0.78
0.41
1MD4D18-270MF
27
±20%
0.327
0.441
0.74
0.35
1MD4D18-330MF
33
±20%
0.514
0.694
0.59
0.32
1MD4D18-390MF
39
±20%
0.525
0.709
0.59
0.30
1MD4D18-470MF
47
±20%
0.683
0.922
0.51
0.28
1MD4D18-560MF
56
±20%
0.800
1.080
0.47
0.26
1MD4D18-680MF
68
±20%
1.000
1.300
0.42
0.24
1MD4D18-820MF
82
±20%
1.200
1.560
0.39
0.22
1MD4D18-101MF
100
±20%
1.330
1.730
0.37
0.20
1MD4D18-121MF
120
±20%
1.840
2.390
0.31
0.18
1MD4D18-151MF
150
±20%
2.050
2.670
0.30
0.15
1MD4D18-181MF
180
±20%
3.050
4.000
0.24
0.14
1MD4D28-1R2NF
1.2
±30%
0.018
0.024
3.21
2.56
1MD4D28-1R8NF
1.8
±30%
0.020
0.028
2.97
2.20
1MD4D28-2R2NF
2.2
±30%
0.023
0.031
2.79
2.04
1MD4D28-2R7NF
2.7
±30%
0.032
0.043
2.37
1.60
1MD4D28-3R3NF
3.3
±30%
0.036
0.049
2.22
1.57
1MD4D28-3R9NF
3.9
±30%
0.048
0.065
1.94
1.44
1MD4D28-4R7NF
4.7
±30%
0.053
0.072
1.84
1.32
1MD4D28-5R6NF
5.6
±30%
0.075
0.101
1.55
1.17
1MD4D28-6R8NF
6.8
±30%
0.081
0.109
1.49
1.12
1MD4D28-8R2NF
8.2
±30%
0.087
0.118
1.44
1.04
1MD4D28-100MF
10
±20%
0.095
0.128
1.38
1.00
1MD4D28-120MF
12
±20%
0.098
0.132
1.36
0.84
1MD4D28-150MF
15
±20%
0.110
0.149
1.28
0.76
1MD4D28-180MF
18
±20%
0.123
0.166
1.21
0.72
1MD4D28-220MF
22
±20%
0.175
0.235
1.02
0.70
1MD4D28-270MF
27
±20%
0.193
0.261
0.96
0.58
1MD4D28-330MF
33
±20%
0.255
0.331
0.84
0.56
1MD4D28-390MF
39
±20%
0.284
0.384
0.80
0.50
1MD4D28-470MF
47
±20%
0.435
0.587
0.64
0.48
1MD4D28-560MF
56
±20%
0.463
0.625
0.62
0.41
1MD4D28-680MF
68
±20%
0.518
0.699
0.59
0.35
1MD4D28-820MF
82
±20%
0.678
0.915
0.52
0.32
1MD4D28-101MF
100
±20%
0.766
1.020
0.48
0.29
1MD4D28-121MF
120
±20%
0.977
1.270
0.43
0.27
1MD4D28-151MF
150
±20%
1.080
1.350
0.41
0.24
1MD4D28-181MF
180
±20%
1.230
1.540
0.38
0.22
1MD4D28-221MF
220
±20%
1.376
1.720
0.36
0.20
1MD4D28-271MF
270
±20%
1.560
1.950
0.34
0.16
1MD5D18-2R2NF
2.2
±30%
0.027
0.037
2.58
2.40
1MD5D18-3R3NF
3.3
±30%
0.035
0.047
2.27
2.00


Similar Part No. - 1MD3D11-220MF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD3T1B5M1QE. ETC2-1MD3T1B5M1QE. Datasheet
376Kb / 18P
   Toggle Switches
1MD3T2B4M6RE ETC2-1MD3T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
1MD3T2B4M7RE ETC2-1MD3T2B4M7RE Datasheet
376Kb / 18P
   Toggle Switches
1MD3T2B4VS3RE ETC2-1MD3T2B4VS3RE Datasheet
376Kb / 18P
   Toggle Switches
More results

Similar Description - 1MD3D11-220MF

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
logo
Anaren Microwave
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
   Ultra Low Profile 0805
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
   Ultra Low Profile 0805
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
   Ultra Low Profile 0805
DC1722J5005AHF ANAREN-DC1722J5005AHF Datasheet
184Kb / 6P
   Ultra Low Profile 0805
logo
Emerson Network Power
AUD EMERSON-NETWORKPOWER-AUD Datasheet
87Kb / 2P
   Ultra Low Profile - 4.3mm
logo
Anaren Microwave
DC3338J5005AHF ANAREN-DC3338J5005AHF Datasheet
178Kb / 6P
   Ultra Low Profile 0805
DC4859J5005AHF ANAREN-DC4859J5005AHF Datasheet
180Kb / 6P
   Ultra Low Profile 0805
logo
Taoglas antenna solutio...
FXP74.07.0100A TAOGLAS-FXP74.07.0100A Datasheet
1Mb / 14P
   Flexible, Ultra Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com