Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MG63-102MF Datasheet(PDF) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MG63-102MF
Description  Unshielded Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MG63-102MF Datasheet(HTML) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MG63-102MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MG63-102MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MG63-102MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MG63-102MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
 
 
3 
1MG Series
Unshielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MG‐2012A
Accetek 
Inductance1
DCR2
SRFtyp.
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
MHz
1MG187-5R6MF
5.6
±20%
0.012
0.020
5.30
13.10
30
1MG187-100MF
10
±20%
0.021
0.031
4.30
10.00
20
1MG187-150MF
15
±20%
0.030
0.036
4.00
8.00
15
1MG187-220MF
22
±20%
0.043
0.047
3.50
7.00
14
1MG187-330MF
33
±20%
0.060
0.066
3.00
5.50
10
1MG187-470MF
47
±20%
0.076
0.086
2.60
4.50
9
1MG187-680MF
68
±20%
0.110
0.130
2.30
3.60
7
1MG187-101MF
100
±20%
0.141
0.190
1.80
3.40
6
1MG187-151MF
150
±20%
0.210
0.250
1.50
2.70
4
1MG187-221MF
220
±20%
0.326
0.380
1.20
2.40
4
1MG187-331MF
330
±20%
0.431
0.560
1.00
1.90
3
1MG187-471MF
470
±20%
0.633
0.850
0.82
1.60
3
1MG187-681MF
680
±20%
0.954
1.100
0.72
1.30
2
1MG187-102MF
1000
±20%
1.370
1.800
0.56
1.10
2
1. Inductance measured @ 100KHz, 0.3V at 25°C temperature.
2. DCR measured @ 25°C.
3. Irms: DC current for an approximate 15°C rise from 20°C ambient temperature.
4. Isat: DC current for approximate 10% roll off at 25°C.
5. Specifications subject to change without notice please check our website for latest information.


Similar Part No. - 1MG63-102MF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1MG26-LFW0-00C-100 3M-1MG26-LFW0-00C-100 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MG26-LFW0-00C-200 3M-1MG26-LFW0-00C-200 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MG26-LFW0-00C-500 3M-1MG26-LFW0-00C-500 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MG26-LFW0-00C-A00 3M-1MG26-LFW0-00C-A00 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
More results

Similar Description - 1MG63-102MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MH ACCETEK-1MH Datasheet
280Kb / 3P
   Unshielded Power Inductor
logo
Abracon Corporation
AIUR-10_SERIES ABRACON-AIUR-10_SERIES Datasheet
980Kb / 2P
   Unshielded Radial Power Inductor
08.08.12
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
   UNSHIELDED SMD POWER INDUCTOR
12.28.12
AIUR-04_SERIES ABRACON-AIUR-04_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-09_SERIES ABRACON-AIUR-09_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-16_SERIES ABRACON-AIUR-16_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
07.26.12
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
   SMD Unshielded Power Inductor
10.03.13
logo
MPS Industries, Inc.
P11R20875 MPSIND-P11R20875 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
   SMD Unshielded Power Inductor
08/30/2019
logo
Abracon Corporation
AIUR-08_SERIES ABRACON-AIUR-08_SERIES Datasheet
977Kb / 2P
   Unshielded Radial Power Inductor
08.29.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com