Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MD3D14-3R9NF Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MD3D14-3R9NF
Description  Available for ultra low profile
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MD3D14-3R9NF Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MD3D14-3R9NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D14-3R9NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D14-3R9NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D14-3R9NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D14-3R9NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D14-3R9NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D14-3R9NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D14-3R9NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D14-3R9NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
 
 
 
2 
1MD Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MD‐2012A
Accetek 
C DRAWINGS AND DIMENSIONS
 
2D09,2D11,2D14,2D18
3D11,3D14,3D16,3D18,3D28,4D18,4D28,5D18,5D28,6D28,6D38
XXX
A
B
D
C
I
I
J
H
XXX
A
B
C
I
I
J
H
D
8D28,8D38,8D43
Schematic
XXX
A
B
C
I
I
J
H
2
 
XXX = Inductance value
Case Size
Dimensions (mm)
Amax
Bmax
Cmax
Dtyp
Href.
Iref.
Jref.
1MD2D09
3.3
3.3
1.1
4.4
1.3
1.3
1.7
1MD2D11
3.3
3.3
1.3
4.4
1.3
1.3
1.7
1MD2D14
3.3
3.3
1.6
4.4
1.3
1.3
1.7
1MD2D18
3.3
3.3
2.1
4.4
1.3
1.3
1.7
1MD3D11
4.2
4.2
1.3
5.5
4.5
1.7
1.1
1MD3D14
4.2
4.2
1.6
5.5
4.5
1.7
1.1
1MD3D16
4.2
4.2
1.8
5.5
4.5
1.7
1.1
1MD3D18
4.2
4.2
2.1
5.5
4.5
1.7
1.1
1MD3D28
4.2
4.2
3.2
5.5
4.5
1.7
1.1
1MD4D18
5.0
5.0
2.0
6.9
5.3
1.9
1.5
1MD4D28
5.0
5.0
3.0
6.9
5.3
1.9
1.5
1MD5D18
6.0
6.0
2.0
8.2
6.3
2.1
2.0
1MD5D28
6.0
6.0
3.0
8.2
6.3
2.1
2.0
1MD6D28
7.0
7.0
3.0
9.5
7.3
2.6
2.0
1MD6D38
7.0
7.0
4.0
9.5
7.3
2.6
2.0
1MD8D28
10.1
8.3
3.0
/
2.8
2.0
6.1
1MD8D38
10.1
8.3
4.0
/
2.8
2.0
6.1
1MD8D43
10.1
8.3
4.5
/
2.8
2.0
6.1


Similar Part No. - 1MD3D14-3R9NF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD3T1B5M1QE. ETC2-1MD3T1B5M1QE. Datasheet
376Kb / 18P
   Toggle Switches
1MD3T2B4M6RE ETC2-1MD3T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
1MD3T2B4M7RE ETC2-1MD3T2B4M7RE Datasheet
376Kb / 18P
   Toggle Switches
1MD3T2B4VS3RE ETC2-1MD3T2B4VS3RE Datasheet
376Kb / 18P
   Toggle Switches
More results

Similar Description - 1MD3D14-3R9NF

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
logo
Anaren Microwave
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
   Ultra Low Profile 0805
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
   Ultra Low Profile 0805
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
   Ultra Low Profile 0805
DC1722J5005AHF ANAREN-DC1722J5005AHF Datasheet
184Kb / 6P
   Ultra Low Profile 0805
logo
Emerson Network Power
AUD EMERSON-NETWORKPOWER-AUD Datasheet
87Kb / 2P
   Ultra Low Profile - 4.3mm
logo
Anaren Microwave
DC3338J5005AHF ANAREN-DC3338J5005AHF Datasheet
178Kb / 6P
   Ultra Low Profile 0805
DC4859J5005AHF ANAREN-DC4859J5005AHF Datasheet
180Kb / 6P
   Ultra Low Profile 0805
logo
Taoglas antenna solutio...
FXP74.07.0100A TAOGLAS-FXP74.07.0100A Datasheet
1Mb / 14P
   Flexible, Ultra Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com