Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MA125-8R2MF Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MA125-8R2MF
Description  Shielded Construction with very low DCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MA125-8R2MF Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MA125-8R2MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-8R2MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-8R2MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-8R2MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-8R2MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-8R2MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-8R2MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-8R2MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-8R2MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
 
 
 
2 
1MA Series
Shielded Power Inductor– Low DCR Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MA‐2013A
Accetek 
 
XXX
1
2
1
2
1
2
7.60 Max
[0.299]
7.60 Max
[0,299]
2.00
[0,079]
1.13
[0,044]
4.60 Max
[0,181]
4,60 Max
[0,181]
1,5
[0,059]
1,50
[0,059]
8.00
[0,315]
2,20
[0,087]
1,60
[0,063]
Land Pattern
8.00
[0,315]
2.00
[0,079]
1,70
[0,067]
Land Pattern
B1
B2
13,80
[0,543]
5,50
[0,217]
3,85
[0,152]
XXX
1
2
12,50 Max
[0,492]
12,50 Max
[0,492]
1
2
4,90 Typ
[0,193]
2,05 Typ
[0,081]
1
2
5.00 Typ
[0,197]
2,50 Typ
[0,098]
4,50 Max
[0,177]
4,80 Max
[0,189]
Land Pattern
C1
C2
13,80
[0,543]
5,50
[0,217]
3,85
[0,152]
XXX
1
2
12,50 Max
[0,492]
12,50 Max
[0,492]
1
2
4,90 Typ
[0,193]
2,05 Typ
[0,081]
1
2
5.00 Typ
[0,197]
2,50 Typ
[0,098]
6.00 Max
[0,236]
6.00 Max
[0,236]
Land Pattern
D1
D2
8.00 Max
[0,315]
13,80
[0,543]
5,50
[0,217]
3,85
[0,152]
8.00 Max
[0,315]
XXX
1
2
12,50 Max
[0,492]
12,50 Max
[0,492]
1
2
4,90 Typ
[0,193]
2,05 Typ
[0,081]
1
2
5.00 Typ
[0,197]
2,50 Typ
[0,098]
Land Pattern
E1
E2
XXX
1
2
1
2
12,50 Max
[0,492]
12,50 Max
[0,492]
1
2
13,80
[0,543]
5,50
[0,217]
3,85
[0,152]
4,90 Typ
[0,193]
2,05 Typ
[0,081]
5.00 Typ
[0,197]
2,50 Typ
[0,098]
Land Pattern
10.00 Max
[0,394]
10.00 Max
[0,394]
F1
F2
 
 
1MA74
1MA124
1MA125
1MA127
1MA129


Similar Description - 1MA125-8R2MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MB ACCETEK-1MB Datasheet
300Kb / 6P
   Shielded Construction with low DCR
logo
Bourns Electronic Solut...
1140-1R8M-RC BOURNS-1140-1R8M-RC Datasheet
434Kb / 1P
   Very high current capacity Low DCR
logo
Linear Technology
LTC3866EUF LINER-LTC3866EUF Datasheet
280Kb / 8P
   High Efficiency Step-Down Converter with Very Low DCR Inductor
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
logo
Linear Technology
LTC3875EUJ LINER-LTC3875EUJ Datasheet
921Kb / 10P
   High Efficient, Single Output Synchronous Buck Converter with Very Low DCR Inductor
logo
TOKO, Inc
FDV0618 TOKO-FDV0618 Datasheet
120Kb / 1P
   Magnetically shielded construction, low DC resistance
logo
Linear Technology
LTC3774EUHE LINER-LTC3774EUHE Datasheet
2Mb / 12P
   High Efficiency Dual Output Step-Down Converter with Very Low DCR Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com