Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MD3D16-330MF Datasheet(PDF) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MD3D16-330MF
Description  Available for ultra low profile
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MD3D16-330MF Datasheet(HTML) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Back Button 1MD3D16-330MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D16-330MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D16-330MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D16-330MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D16-330MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D16-330MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D16-330MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D16-330MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD3D16-330MF Datasheet HTML 10Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
 
 
 
6 
1MD Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MD‐2012A
Accetek 
Inductance
DCR
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms(A)
Isat(A)
1MD5D18-4R1NF
4.1
±30%
0.042
0.057
2.07
1.95
1MD5D18-5R4NF
5.4
±30%
0.056
0.076
1.79
1.60
1MD5D18-6R2NF
6.2
±30%
0.071
0.096
1.59
1.40
1MD5D18-8R9NF
8.9
±30%
0.086
0.116
1.45
1.25
1MD5D18-100MF
10
±20%
0.092
0.124
1.40
1.20
1MD5D18-120MF
12
±20%
0.113
0.153
1.26
1.10
1MD5D18-150MF
15
±20%
0.145
0.196
1.11
0.97
1MD5D18-180MF
18
±20%
0.155
0.210
1.08
0.85
1MD5D18-220MF
22
±20%
0.215
0.290
0.91
0.80
1MD5D18-270MF
27
±20%
0.245
0.330
0.86
0.75
1MD5D18-330MF
33
±20%
0.285
0.385
0.79
0.65
1MD5D18-390MF
39
±20%
0.385
0.520
0.68
0.57
1MD5D18-470MF
47
±20%
0.440
0.595
0.64
0.54
1MD5D18-560MF
56
±20%
0.493
0.665
0.60
0.50
1MD5D18-680MF
68
±20%
0.622
0.840
0.54
0.43
1MD5D18-820MF
82
±20%
0.725
0.978
0.50
0.41
1MD5D18-101MF
100
±20%
0.895
1.200
0.45
0.36
1MD5D18-121MF
120
±20%
1.200
1.500
0.39
0.33
1MD5D18-151MF
150
±20%
1.368
1.710
0.36
0.31
1MD5D18-181MF
180
±20%
2.704
3.380
0.26
0.21
1MD5D18-221MF
220
±20%
3.472
4.340
0.23
0.18
1MD5D28-2R5NF
2.5
±30%
0.013
0.018
3.72
2.60
1MD5D28-3R0NF
3.0
±30%
0.018
0.024
3.16
2.40
1MD5D28-4R2NF
4.2
±30%
0.023
0.031
2.80
2.20
1MD5D28-5R3NF
5.3
±30%
0.028
0.038
2.54
1.90
1MD5D28-6R2NF
6.2
±30%
0.033
0.045
2.34
1.80
1MD5D28-8R2NF
8.2
±30%
0.039
0.053
2.15
1.60
1MD5D28-100MF
10
±20%
0.048
0.065
1.94
1.30
1MD5D28-120MF
12
±20%
0.056
0.076
1.79
1.20
1MD5D28-150MF
15
±20%
0.076
0.103
1.54
1.10
1MD5D28-180MF
18
±20%
0.082
0.110
1.48
1.00
1MD5D28-220MF
22
±20%
0.090
0.122
1.41
0.90
1MD5D28-270MF
27
±20%
0.120
0.175
1.22
0.85
1MD5D28-330MF
33
±20%
0.140
0.189
1.13
0.75
1MD5D28-390MF
39
±20%
0.157
0.212
1.07
0.70
1MD5D28-470MF
47
±20%
0.185
0.250
0.99
0.62
1MD5D28-560MF
56
±20%
0.226
0.305
0.89
0.58
1MD5D28-680MF
68
±20%
0.263
0.355
0.83
0.52
1MD5D28-820MF
82
±20%
0.343
0.463
0.72
0.46
1MD5D28-101MF
100
±20%
0.385
0.520
0.68
0.42
1MD5D28-121MF
120
±20%
0.448
0.560
0.63
0.40
1MD5D28-151MF
150
±20%
0.544
0.680
0.58
0.35
1MD5D28-181MF
180
±20%
0.744
0.930
0.49
0.32
1MD5D28-221MF
220
±20%
0.920
1.150
0.44
0.30
1MD5D28-271MF
270
±20%
1.248
1.560
0.38
0.27
1MD5D28-331MF
330
±20%
1.584
1.980
0.34
0.25
1MD5D28-391MF
390
±20%
2.000
2.500
0.30
0.22
1MD5D28-471MF
470
±20%
2.160
2.700
0.29
0.20
1MD5D28-561MF
560
±20%
2.496
3.120
0.27
0.18
1MD5D28-681MF
680
±20%
3.320
4.150
0.23
0.16
1MD6D28-3R0NF
3.0
±30%
0.018
0.024
3.33
3.00
1MD6D28-3R9NF
3.9
±30%
0.020
0.027
3.16
2.60
1MD6D28-5R0NF
5.0
±30%
0.023
0.031
2.95
2.40
1MD6D28-6R0NF
6.0
±30%
0.026
0.035
2.77
2.25


Similar Part No. - 1MD3D16-330MF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD3T1B5M1QE. ETC2-1MD3T1B5M1QE. Datasheet
376Kb / 18P
   Toggle Switches
1MD3T2B4M6RE ETC2-1MD3T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
1MD3T2B4M7RE ETC2-1MD3T2B4M7RE Datasheet
376Kb / 18P
   Toggle Switches
1MD3T2B4VS3RE ETC2-1MD3T2B4VS3RE Datasheet
376Kb / 18P
   Toggle Switches
More results

Similar Description - 1MD3D16-330MF

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
logo
Anaren Microwave
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
   Ultra Low Profile 0805
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
   Ultra Low Profile 0805
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
   Ultra Low Profile 0805
DC1722J5005AHF ANAREN-DC1722J5005AHF Datasheet
184Kb / 6P
   Ultra Low Profile 0805
logo
Emerson Network Power
AUD EMERSON-NETWORKPOWER-AUD Datasheet
87Kb / 2P
   Ultra Low Profile - 4.3mm
logo
Anaren Microwave
DC3338J5005AHF ANAREN-DC3338J5005AHF Datasheet
178Kb / 6P
   Ultra Low Profile 0805
DC4859J5005AHF ANAREN-DC4859J5005AHF Datasheet
180Kb / 6P
   Ultra Low Profile 0805
logo
Taoglas antenna solutio...
FXP74.07.0100A TAOGLAS-FXP74.07.0100A Datasheet
1Mb / 14P
   Flexible, Ultra Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com