Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MG187-330MF Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MG187-330MF
Description  Unshielded Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MG187-330MF Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MG187-330MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MG187-330MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MG187-330MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MG187-330MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
 
2 
1MG Series
Unshielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MG‐2012A
Accetek 
D SPECIFICATIONS
Inductance1
DCR2
SRFtyp.
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
MHz
1MG63-1R0MF
1.0
±20%
0.017
0.050
2.90
2.90
130
1MG63-1R5MF
1.5
±20%
0.020
0.050
2.80
2.90
115
1MG63-2R2MF
2.2
±20%
0.028
0.070
2.40
2.30
90
1MG63-3R3MF
3.3
±20%
0.044
0.080
2.00
2.00
70
1MG63-4R7MF
4.7
±20%
0.063
0.090
1.50
1.50
50
1MG63-6R8MF
6.8
±20%
0.092
0.130
1.40
1.20
45
1MG63-100MF
10
±20%
0.121
0.160
1.20
1.10
35
1MG63-150MF
15
±20%
0.176
0.230
1.10
0.90
30
1MG63-220MF
22
±20%
0.255
0.370
0.80
0.70
20
1MG63-330MF
33
±20%
0.362
0.510
0.60
0.58
15
1MG63-470MF
47
±20%
0.556
0.640
0.50
0.50
14
1MG63-680MF
68
±20%
0.790
0.860
0.40
0.40
11
1MG63-101MF
100
±20%
1.080
1.270
0.30
0.31
9
1MG63-151MF
150
±20%
1.450
2.000
0.25
0.27
6
1MG63-221MF
220
±20%
2.580
3.110
0.20
0.22
6
1MG63-331MF
330
±20%
4.150
5.000
0.16
0.18
5
1MG63-471MF
470
±20%
5.580
6.800
0.16
0.15
4
1MG63-102MF
1000
±20%
11.500
13.800
0.07
0.10
2
1MG135-1R0MF
1.0
±20%
0.004
0.007
8.60
14.25
170
1MG135-1R5MF
1.5
±20%
0.006
0.009
7.20
10.70
120
1MG135-2R5MF
2.5
±20%
0.009
0.012
5.80
10.00
65
1MG135-3R3MF
3.3
±20%
0.011
0.015
5.30
7.00
50
1MG135-4R7MF
4.7
±20%
0.015
0.019
5.00
6.00
45
1MG135-5R6MF
5.6
±20%
0.024
0.032
4.00
6.00
38
1MG135-6R8MF
6.8
±20%
0.026
0.034
3.80
5.10
35
1MG135-8R2MF
8.2
±20%
0.034
0.040
3.20
4.20
32
1MG135-100MF
10
±20%
0.035
0.045
3.30
5.00
25
1MG135-150MF
15
±20%
0.043
0.060
2.90
3.60
23
1MG135-220MF
22
±20%
0.071
0.095
2.60
3.10
18
1MG135-330MF
33
±20%
0.094
0.120
2.30
2.60
15
1MG135-470MF
47
±20%
0.142
0.190
1.80
2.14
12
1MG135-680MF
68
±20%
0.187
0.240
1.60
1.70
10
1MG135-101MF
100
±20%
0.253
0.330
1.40
1.50
8
1MG135-151MF
150
±20%
0.448
0.590
1.00
1.20
6
1MG135-221MF
220
±20%
0.601
0.780
0.90
1.10
5
1MG135-331MF
330
±20%
0.893
1.150
0.70
0.80
4
1MG135-471MF
470
±20%
1.315
1.700
0.60
0.65
4
1MG135-681MF
680
±20%
1.942
2.600
0.50
0.55
3
1MG135-102MF
1000
±20%
2.940
3.900
0.40
0.52
2
1MG187-1R0MF
1.0
±20%
0.005
0.009
8.50
25.00
80
1MG187-2R2MF
2.2
±20%
0.008
0.014
7.10
20.30
45
1MG187-3R3MF
3.3
±20%
0.010
0.018
6.20
15.80
40


Similar Part No. - 1MG187-330MF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1MG26-LFW0-00C-100 3M-1MG26-LFW0-00C-100 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MG26-LFW0-00C-200 3M-1MG26-LFW0-00C-200 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MG26-LFW0-00C-500 3M-1MG26-LFW0-00C-500 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MG26-LFW0-00C-A00 3M-1MG26-LFW0-00C-A00 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
More results

Similar Description - 1MG187-330MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MH ACCETEK-1MH Datasheet
280Kb / 3P
   Unshielded Power Inductor
logo
Abracon Corporation
AIUR-10_SERIES ABRACON-AIUR-10_SERIES Datasheet
980Kb / 2P
   Unshielded Radial Power Inductor
08.08.12
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
   UNSHIELDED SMD POWER INDUCTOR
12.28.12
AIUR-04_SERIES ABRACON-AIUR-04_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-09_SERIES ABRACON-AIUR-09_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-16_SERIES ABRACON-AIUR-16_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
07.26.12
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
   SMD Unshielded Power Inductor
10.03.13
logo
MPS Industries, Inc.
P11R20875 MPSIND-P11R20875 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
   SMD Unshielded Power Inductor
08/30/2019
logo
Abracon Corporation
AIUR-08_SERIES ABRACON-AIUR-08_SERIES Datasheet
977Kb / 2P
   Unshielded Radial Power Inductor
08.29.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com