Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MD4D18-101MF Datasheet(PDF) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MD4D18-101MF
Description  Available for ultra low profile
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MD4D18-101MF Datasheet(HTML) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MD4D18-101MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D18-101MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D18-101MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D18-101MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D18-101MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D18-101MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D18-101MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D18-101MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D18-101MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
 
 
 
4 
1MD Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MD‐2012A
Accetek 
Inductance
DCR
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms(A)
Isat(A)
1MD2D18-470MF
47
±20%
0.530
0.680
0.48
0.20
1MD3D11-2R7NF
2.7
±30%
0.060
0.078
1.82
0.53
1MD3D11-4R7NF
4.7
±30%
0.095
0.123
1.38
0.40
1MD3D11-6R8NF
6.8
±30%
0.150
0.180
1.05
0.34
1MD3D11-8R2NF
8.2
±30%
0.170
0.204
0.93
0.32
1MD3D11-100MF
10
±20%
0.200
0.240
0.90
0.28
1MD3D11-120MF
12
±20%
0.230
0.276
0.81
0.25
1MD3D11-150MF
15
±20%
0.310
0.372
0.68
0.23
1MD3D11-180MF
18
±20%
0.390
0.468
0.58
0.21
1MD3D11-220MF
22
±20%
0.450
0.540
0.53
0.19
1MD3D11-270MF
27
±20%
0.605
0.726
0.48
0.17
1MD3D11-330MF
33
±20%
0.685
0.822
0.41
0.15
1MD3D11-390MF
39
±20%
0.785
0.942
0.40
0.14
1MD3D14-1R2NF
1.2
±30%
0.036
0.045
2.20
2.15
1MD3D14-1R7NF
1.7
±30%
0.050
0.063
2.00
1.85
1MD3D14-2R2NF
2.2
±30%
0.055
0.069
1.75
1.60
1MD3D14-2R7NF
2.7
±30%
0.070
0.088
1.36
1.45
1MD3D14-3R3NF
3.3
±30%
0.080
0.100
1.24
1.35
1MD3D14-3R9NF
3.9
±30%
0.110
0.135
1.12
1.15
1MD3D14-4R7NF
4.7
±30%
0.120
0.150
0.96
1.10
1MD3D14-8R2NF
8.2
±30%
0.190
0.238
0.74
0.82
1MD3D14-100MF
10
±20%
0.210
0.262
0.69
0.75
1MD3D14-120MF
12
±20%
0.280
0.350
0.60
0.67
1MD3D14-150MF
15
±20%
0.390
0.488
0.58
0.60
1MD3D14-220MF
22
±20%
0.460
0.575
0.43
0.52
1MD3D16-1R5NF
1.5
±30%
0.040
0.052
2.29
1.55
1MD3D16-2R2NF
2.2
±30%
0.055
0.072
1.95
1.20
1MD3D16-3R3NF
3.3
±30%
0.065
0.085
1.80
1.10
1MD3D16-4R7NF
4.7
±30%
0.080
0.105
1.62
0.90
1MD3D16-6R8NF
6.8
±30%
0.130
0.170
1.27
0.73
1MD3D16-100MF
10
±20%
0.160
0.210
1.15
0.55
1MD3D16-150MF
15
±20%
0.225
0.295
0.97
0.45
1MD3D16-220MF
22
±20%
0.330
0.430
0.80
0.40
1MD3D16-330MF
33
±20%
0.520
0.675
0.64
0.32
1MD3D18-1R0NF
1.0
±30%
0.040
0.050
2.40
2.80
1MD3D18-2R2NF
2.2
±30%
0.050
0.063
2.00
1.80
1MD3D18-3R0NF
3.0
±30%
0.055
0.069
1.80
1.60
1MD3D18-4R7NF
4.7
±30%
0.086
0.108
1.35
1.35
1MD3D18-6R8NF
6.8
±30%
0.120
0.150
1.10
1.10
1MD3D18-100MF
10
±20%
0.164
0.205
0.90
0.90
1MD3D18-120MF
12
±20%
0.220
0.275
0.80
0.80
1MD3D18-150MF
15
±20%
0.241
0.302
0.75
0.75
1MD3D18-220MF
22
±20%
0.339
0.424
0.60
0.60
1MD3D18-330MF
33
±20%
0.512
0.640
0.45
0.50
1MD3D18-470MF
47
±20%
0.771
0.964
0.35
0.40
1MD3D28-3R3NF
3.3
±30%
0.058
0.072
1.85
2.00
1MD3D28-4R7NF
4.7
±30%
0.071
0.088
1.62
1.65
1MD3D28-6R8NF
6.8
±30%
0.095
0.119
1.32
1.24
1MD3D28-100MF
10
±20%
0.116
0.145
1.18
1.05
1MD3D28-150MF
15
±20%
0.170
0.213
1.02
0.90
1MD3D28-220MF
22
±20%
0.268
0.335
0.74
0.76
1MD3D28-330MF
33
±20%
0.385
0.481
0.63
0.58
1MD3D28-470MF
47
±20%
0.479
0.599
0.56
0.48
1MD4D18-1R0NF
1.0
±30%
0.035
0.045
2.27
1.72


Similar Part No. - 1MD4D18-101MF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD4T1B5M1QE ETC2-1MD4T1B5M1QE Datasheet
376Kb / 18P
   Toggle Switches
1MD4T2B4M6RE ETC2-1MD4T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
1MD4T2B4M7RE ETC2-1MD4T2B4M7RE Datasheet
376Kb / 18P
   Toggle Switches
1MD4T2B4VS3RE ETC2-1MD4T2B4VS3RE Datasheet
376Kb / 18P
   Toggle Switches
More results

Similar Description - 1MD4D18-101MF

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
logo
Anaren Microwave
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
   Ultra Low Profile 0805
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
   Ultra Low Profile 0805
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
   Ultra Low Profile 0805
DC1722J5005AHF ANAREN-DC1722J5005AHF Datasheet
184Kb / 6P
   Ultra Low Profile 0805
logo
Emerson Network Power
AUD EMERSON-NETWORKPOWER-AUD Datasheet
87Kb / 2P
   Ultra Low Profile - 4.3mm
logo
Anaren Microwave
DC3338J5005AHF ANAREN-DC3338J5005AHF Datasheet
178Kb / 6P
   Ultra Low Profile 0805
DC4859J5005AHF ANAREN-DC4859J5005AHF Datasheet
180Kb / 6P
   Ultra Low Profile 0805
logo
Taoglas antenna solutio...
FXP74.07.0100A TAOGLAS-FXP74.07.0100A Datasheet
1Mb / 14P
   Flexible, Ultra Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com