Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ME4012-360MF Datasheet(PDF) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME4012-360MF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME4012-360MF Datasheet(HTML) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1ME4012-360MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012-360MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012-360MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012-360MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012-360MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012-360MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012-360MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012-360MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012-360MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
 
 
 
5 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
Inductance1
DCR2
Drawing
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
Fig.
1ME4012-1R0NF
1.0
±30%
0.050
0.065
1.65
2.61
B
1ME4012-1R5NF
1.5
±30%
0.065
0.085
1.46
2.10
B
1ME4012-1R8NF
1.8
±30%
0.080
0.104
1.32
2.12
B
1ME4012-2R2NF
2.2
±30%
0.080
0.104
1.32
1.76
B
1ME4012-2R7NF
2.7
±30%
0.090
0.117
1.25
1.90
B
1ME4012-3R3NF
3.3
±30%
0.110
0.143
1.12
1.72
B
1ME4012-3R6NF
3.6
±30%
0.110
0.143
1.12
1.20
B
1ME4012-4R3NF
4.3
±30%
0.140
0.182
1.00
1.58
B
1ME4012-4R7NF
4.7
±30%
0.125
0.163
1.05
1.15
B
1ME4012-5R1NF
5.1
±30%
0.155
0.202
0.95
1.55
B
1ME4012-5R6NF
5.6
±30%
0.140
0.182
1.00
1.00
B
1ME4012-6R8MF
6.8
±20%
0.198
0.257
0.84
0.85
B
1ME4012-100MF
10
±20%
0.265
0.345
0.77
0.80
B
1ME4012-120MF
12
±20%
0.290
0.377
0.70
0.66
B
1ME4012-150MF
15
±20%
0.340
0.442
0.64
0.56
B
1ME4012-180MF
18
±20%
0.470
0.611
0.55
0.55
B
1ME4012-220MF
22
±20%
0.587
0.763
0.49
0.46
B
1ME4012-270MF
27
±20%
0.720
0.936
0.45
0.50
B
1ME4012-330MF
33
±20%
0.810
1.053
0.42
0.42
B
1ME4012-360MF
36
±20%
0.900
1.170
0.40
0.40
B
1ME4012-390MF
39
±20%
1.100
1.430
0.37
0.55
B
1ME4012-470MF
47
±20%
1.100
1.430
0.37
0.35
B
1ME4012-560MF
56
±20%
1.250
1.625
0.33
0.33
B
1ME4012-680MF
68
±20%
1.950
2.535
0.27
0.38
B
1ME4012-820MF
82
±20%
2.140
2.782
0.26
0.28
B
1ME4012-101MF
100
±20%
2.210
2.873
0.25
0.25
B
1ME4018-1R0NF
1.0
±30%
0.025
0.033
2.00
4.80
B
1ME4018-1R5NF
1.5
±30%
0.030
0.039
1.80
3.35
B
1ME4018-2R2MF
2.2
±20%
0.045
0.059
1.65
2.70
B
1ME4018-3R3MF
3.3
±20%
0.070
0.091
1.23
2.45
B
1ME4018-4R7MF
4.7
±20%
0.090
0.117
1.20
1.70
B
1ME4018-6R8MF
6.8
±20%
0.110
0.143
1.06
1.45
B
1ME4018-100MF
10
±20%
0.180
0.234
0.84
1.30
B
1ME4018-150MF
15
±20%
0.250
0.325
0.65
0.94
B
1ME4018-220MF
22
±20%
0.360
0.468
0.59
0.80
B
1ME4018-330MF
33
±20%
0.530
0.689
0.49
0.56
B
1ME4018-470MF
47
±20%
0.650
0.845
0.42
0.57
B
1ME4018-680MF
68
±20%
1.000
1.300
0.32
0.47
B
1ME4018-101MF
100
±20%
1.750
2.275
0.25
0.40
B
1ME4018-151MF
150
±20%
2.500
3.250
0.22
0.31
B
1ME4018-221MF
220
±20%
4.000
5.200
0.17
0.27
B
1ME4020-1R0NF
1
±30%
0.029
0.038
2.15
4.78
B
1ME4020-1R2NF
1.2
±30%
0.029
0.038
2.15
5.10
B
1ME4020-1R5NF
1.5
±30%
0.035
0.046
1.98
4.45
B
1ME4020-2R2NF
2.2
±30%
0.040
0.052
1.85
3.40
B
1ME4020-3R3MF
3.3
±20%
0.070
0.091
1.40
3.20
B
1ME4020-3R6MF
3.6
±20%
0.055
0.072
1.54
2.80
B
1ME4020-4R7MF
4.7
±20%
0.075
0.098
1.34
2.35
B
1ME4020-5R1MF
5.1
±20%
0.085
0.111
1.27
2.30
B
1ME4020-5R6MF
5.6
±20%
0.090
0.117
1.22
2.20
B
1ME4020-6R2MF
6.2
±20%
0.115
0.150
1.08
2.15
B
1ME4020-6R8MF
6.8
±20%
0.125
0.163
1.04
2.20
B
1ME4020-7R5MF
7.5
±20%
0.115
0.150
1.08
1.85
B
1ME4020-8R2MF
8.2
±20%
0.125
0.163
1.04
1.75
B
1ME4020-100MF
10
±20%
0.165
0.215
0.90
1.60
B
1ME4020-120MF
12
±20%
0.175
0.228
0.88
1.50
B
1ME4020-150MF
15
±20%
0.230
0.299
0.77
1.35
B


Similar Part No. - 1ME4012-360MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME4012H-100MF ACCETEK-1ME4012H-100MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME4012H-101MF ACCETEK-1ME4012H-101MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME4012H-120MF ACCETEK-1ME4012H-120MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME4012H-150MF ACCETEK-1ME4012H-150MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME4012H-180MF ACCETEK-1ME4012H-180MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
More results

Similar Description - 1ME4012-360MF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
   MAGNETIC EPOXY SHIELDED
logo
MPS Industries, Inc.
PSF109 MPSIND-PSF109 Datasheet
474Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF74 MPSIND-PSF74 Datasheet
498Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
List of Unclassifed Man...
3410VM ETC-3410VM Datasheet
154Kb / 2P
   U.V and/or Visible light and/or Heat Curable One Component Epoxy
12/2004
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
   Magnetic Component Specification
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com