Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CX9-253F Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2CX9-253F
Description  Common Mode Power Line Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2CX9-253F Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2CX9-253F Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CX9-253F Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
1 
2CX Series
Common Mode Power Line Choke
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:2CX‐2012A
Accetek 
A FEATURES
 Low cost, high performance choke coils are designed to virtually eliminate line conducted common mode noise.
 2CX9H series is horizontal configuration of 2CX9, which reduces their height to less than 12.5 mm.
 Operating temperature range from -40°C to +125°C (Including Self-heating)
 Typical applications: switching power supplies and power supply circuits.
B PART NUMBER SYSTEM
2CX
9
-
182
F
❶ 
❷ 
 
❸ 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
2CX
Series Code
9 (17×11×17)
9H (17×15.5×12.5)
❸ 
Inductance Code
❹ 
RoHS Compliant
182
18×102μH = 1.8mH
C DRAWINGS AND DIMENSIONS
1
2
4
3
N1
N2
2CX9
2CX9H
17.0 Max
11.0 Max
φ0,6 Typ
8.0±0.2
8.0±0.2
φ1 Typ
14
23
23
14
17.0 Max
11.0 Max
15.5 Max
23
14
8.0±0.2
φ1 Typ
14
23
8.0±0.2
φ0,6 Typ
Schematics 


Similar Description - 2CX9-253F

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VCMB744822-102N ALLIED-VCMB744822-102N Datasheet
526Kb / 1P
   POWER LINE COMMON MODE CHOKE
VCMB744822 ALLIED-VCMB744822 Datasheet
517Kb / 1P
   POWER LINE COMMON MODE CHOKE
VCMB744826 ALLIED-VCMB744826 Datasheet
251Kb / 1P
   POWER LINE COMMON MODE CHOKE
logo
Accetek Electronics (Sh...
2CY ACCETEK-2CY Datasheet
225Kb / 3P
   Common Mode Power Line Choke
logo
Allied Components Inter...
VCMB3423-123 ALLIED-VCMB3423-123 Datasheet
661Kb / 1P
   POWER LINE COMMON MODE CHOKE
logo
PCA ELECTRONICS INC.
EPZ3074E PCA-EPZ3074E Datasheet
23Kb / 1P
   Common Mode Line Choke
EPZ3034E PCA-EPZ3034E Datasheet
37Kb / 1P
   Common Mode Line Choke
EPZ3034E PCA-EPZ3034E_15 Datasheet
38Kb / 1P
   Common Mode Line Choke
logo
Wurth Elektronik GmbH &...
744844471 WURTH-744844471 Datasheet
914Kb / 5P
   WE-ExB Common Mode Power Line Choke
744866563 WURTH-744866563 Datasheet
928Kb / 5P
   WE-FCL Common Mode Power Line Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com