Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ME4018-330MF Datasheet(PDF) 10 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME4018-330MF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME4018-330MF Datasheet(HTML) 10 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Back Button 1ME4018-330MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018-330MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018-330MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018-330MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018-330MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018-330MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018-330MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018-330MF Datasheet HTML 10Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4018-330MF Datasheet HTML 11Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
 
 
 
10 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
Inductance1
DCR2
Drawing
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
Fig.
1ME8040-910MF
91.0
±20%
0.272
0.354
1.05
1.20
B
1ME8040-101MF
100.0
±20%
0.290
0.377
1.00
1.15
B
1ME8040-121MF
120.0
±20%
0.334
0.434
0.95
1.05
B
1ME8040-151MF
150.0
±20%
0.410
0.533
0.85
1.10
B
1ME8040-221MF
220.0
±20%
0.599
0.779
0.80
0.85
B
1ME8040-331MF
330.0
±20%
0.889
1.156
0.64
0.68
B
1. Inductance measured @ 100KHz, 0.3V at 25°C temperature.
2. DCR measured @ 25°C.
3. Irms for an approximate 40°C rise from 20°C ambient temperature.
4. Isat for approximate 30% roll off at 25°C.
5. Specifications subject to change without notice please check our website for latest information.
E TAPE AND REEL SPECIFICATIONS
A
B
C
E
D
W
P
P0
P1
H
T
Case Size
Parts per Reel
Reel Dimensions(REF)
Tape Dimensions(REF)
A
B
C
D
E
W
P
P0
P1
H
T
1ME252010
2000
178
58
13
13
9.0
8
4
4
2
1.2
0.3
1ME252012
2000
178
58
13
13
9.0
8
4
4
2
1.4
0.3
1ME3010
2000
178
58
13
13
9.0
8
4
4
2
1.4
0.3
1ME3012
2000
178
58
13
13
9.0
8
4
4
2
1.6
0.3
1ME3015
2000
178
58
13
13
9.0
8
4
4
2
1.9
0.3
1ME4010
4500
330
100
13
19
12.4
12
8
4
2
1.6
0.3
1ME4012
4500
330
100
13
19
12.4
12
8
4
2
1.6
0.3
1ME4018
3000
330
100
13
19
12.4
12
8
4
2
2.4
0.3
1ME4020
3000
330
100
13
19
12.4
12
8
4
2
2.4
0.3
1ME4026
2000
330
100
13
19
12.4
12
8
4
2
3.4
0.3
1ME4030
2000
330
100
13
19
12.4
12
8
4
2
3.4
0.3
1ME5012
4000
330
100
13
19
12.4
12
8
4
2
1.6
0.3
1ME5020
2500
330
100
13
19
12.4
12
8
4
2
3.0
0.3
1ME5040
1500
330
100
13
19
12.4
12
8
4
2
4.4
0.3
1ME6020
2500
330
100
13
22
16.4
16
8
4
2
2.5
0.4
1ME6028
2000
330
100
13
22
16.4
16
8
4
2
3.3
0.4
1ME6045
1500
330
100
13
22
16.4
16
8
4
2
4.7
0.4
1ME8040
1000
330
100
13
22
16.4
16
12
4
2
4.4
0.4


Similar Part No. - 1ME4018-330MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME4018H-100MF ACCETEK-1ME4018H-100MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME4018H-101MF ACCETEK-1ME4018H-101MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME4018H-150MF ACCETEK-1ME4018H-150MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME4018H-151MF ACCETEK-1ME4018H-151MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME4018H-1R0NF ACCETEK-1ME4018H-1R0NF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
More results

Similar Description - 1ME4018-330MF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
   MAGNETIC EPOXY SHIELDED
logo
MPS Industries, Inc.
PSF109 MPSIND-PSF109 Datasheet
474Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF74 MPSIND-PSF74 Datasheet
498Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
List of Unclassifed Man...
3410VM ETC-3410VM Datasheet
154Kb / 2P
   U.V and/or Visible light and/or Heat Curable One Component Epoxy
12/2004
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
   Magnetic Component Specification
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com