Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MZ0810-270KF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MZ0810-270KF
Description  Radial Leaded Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MZ0810-270KF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MZ0810-270KF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MZ0810-270KF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MZ0810-270KF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MZ0810-270KF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MZ0810-270KF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
1 
1MZ Series
Radial Leaded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MZ‐2014C
Accetek 
A FEATURES
 Flat bottom design
 Low DC-resistance
 Flame retardant polyolefin wrap to protect the winding
 Current ratings up to 8.5 Amps
 Inductance values from 1.0µH to 18mH
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
 Custom design on request
B PART NUMBER SYSTEM
1MZ
0810
-
100
M
F
B
❶ 
❷ 
 
❸ 
❹ 
❺ 
❻ 
 
❶ 
Series
❷ 
Dimension Code (D*H) (mm)
1MZ
Series Code
0807 (Φ9.5max×7.5max)
0810 (Φ9.5max×11.5max)
1010 (Φ11.0max×11.5max)
1014 (Φ11.0max×14.5max)
❸ 
Inductance Code
❹ 
Inductance Tolerance
e.g.
Calculation
K
±10%
2R2
2.2μH
M
±20%
100
10×100μH = 10μH
101
10×101μH = 100μH
❻ 
Packing Method
T
Tray Plate
❺ 
RoHS Compliant
Bulk in Plastic Bag
C DRAWINGS AND DIMENSIONS
 
Drawings
Schematic
A
B
C
E
D
1
2
Case Size
Dimensions (mm)
Amax
Bmax
Cref
Dref
E
1MZ0608
7.0
8.5
4.0
0.6
2.5±0.5
1MZ0807
9.5
7.5
4.0
0.6
5.0±0.5
1MZ0810
9.5
11.5
4.0
0.6
5.0±0.5
1MZ1010
11.0
11.5
4.0
0.6
5.0±0.5
1MZ1014
11.0
14.5
4.0
0.6
5.0±0.5


Similar Part No. - 1MZ0810-270KF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MZ0810L-100KF ACCETEK-1MZ0810L-100KF Datasheet
288Kb / 4P
   Radial Leaded Power Inductor
1MZ0810L-101KF ACCETEK-1MZ0810L-101KF Datasheet
288Kb / 4P
   Radial Leaded Power Inductor
1MZ0810L-102KF ACCETEK-1MZ0810L-102KF Datasheet
288Kb / 4P
   Radial Leaded Power Inductor
1MZ0810L-120KF ACCETEK-1MZ0810L-120KF Datasheet
288Kb / 4P
   Radial Leaded Power Inductor
1MZ0810L-121KF ACCETEK-1MZ0810L-121KF Datasheet
288Kb / 4P
   Radial Leaded Power Inductor
More results

Similar Description - 1MZ0810-270KF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTVF-1 CT-CTVF-1 Datasheet
378Kb / 1P
   Power Inductor - Radial Leaded
logo
Accetek Electronics (Sh...
1MZ-L ACCETEK-1MZ-L Datasheet
288Kb / 4P
   Radial Leaded Power Inductor
logo
Central Technologies
CTVF-0 CT-CTVF-0 Datasheet
368Kb / 1P
   Power Inductor - Radial Leaded
logo
XFMRS Inc.
XFRL-1256-1-68 XFMRS-XFRL-1256-1-68 Datasheet
36Kb / 1P
   RADIAL LEADED INDUCTOR
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
XFRL1310-650 XFMRS-XFRL1310-650 Datasheet
35Kb / 1P
   Radial Leaded Inductor
XFRL-5480-4-100 XFMRS-XFRL-5480-4-100 Datasheet
34Kb / 1P
   RADIAL LEADED INDUCTOR
XFRL-1256-1-5 XFMRS-XFRL-1256-1-5 Datasheet
36Kb / 1P
   RADIAL LEADED INDUCTOR
XFRL-1256-1-22 XFMRS-XFRL-1256-1-22 Datasheet
45Kb / 1P
   RADIAL LEADED INDUCTOR
XFRL-1256-1-47 XFMRS-XFRL-1256-1-47 Datasheet
36Kb / 1P
   RADIAL LEADED INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com