Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1135 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SD1135
Description  Silicon NPN Triple Diffused
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1135 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SD1135 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1135 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1135 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1135 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1135 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD1135
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to emitter breakdown
voltage
V
(BR)CEO
80
V
I
C = 50 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
5—
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
0.1
mA
V
CB = 80 V, IE = 0
DC current transfer ratio
h
FE1*
1
60
200
V
CE = 5 V, IC = 1 A*
2
h
FE2
35
V
CE = 5 V, IC = 0.1 A*
2
Base to emitter voltage
V
BE
1.5
V
V
CE = 5 V, IC = 1 A*
2
Collector to emitter saturation
voltage
V
CE(sat)
2VI
C = 2 A, IB = 0.2 A*
2
Gain bandwidth product
f
T
10
MHz
V
CE = 5 V, IC = 0.5 A*
2
Collector output capacitance
Cob
40
pF
V
CB = 20 V, IE = 0, f = 1 MHz
Notes: 1. The 2SD1135 is grouped by h
FE1 as follows.
2. Pulse test.
BC
60 to 120
100 to 200
0
50
100
150
Case temperature TC (°C)
Maximum Collector Dissipation Curve
20
40
60
0.05
0.1
0.2
0.5
1.0
2
5
Collector to emitter voltage VCE (V)
1
2
5
10
20
50
100
Area of Safe Operation
IC max (Continuous)
(10 V, 4 A)
(33 V, 1.2 A)
(80 V, 0.06 A)
DC
Operation
(T
C =
25
°C)


Similar Part No. - 2SD1135

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD1135 RENESAS-2SD1135 Datasheet
145Kb / 6P
   Silicon NPN Triple Diffused
logo
Inchange Semiconductor ...
2SD1135 ISC-2SD1135 Datasheet
97Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1135 SAVANTIC-2SD1135 Datasheet
137Kb / 4P
   Silicon NPN Power Transistors
2SD1135 SAVANTIC-2SD1135 Datasheet
138Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1135

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com