Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MA125-3R3NF Datasheet(PDF) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2MA125-3R3NF
Description  Dual Winding Shielded Inductor/Transformer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2MA125-3R3NF Datasheet(HTML) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2MA125-3R3NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-3R3NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-3R3NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-3R3NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-3R3NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-3R3NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-3R3NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
 
 
 
6 
2MA Series
Dual Winding Shielded Inductor/Transformer
Accetek Electronics (Shenzhen) Co., Ltd.                         www.accetek.com                                       Ver.:2MA‐2012E
Accetek 
Parallel Mode
Series Mode
Part Number
L1
(μH)
Tolerance
DCR2
Typ.(Ω)
DCR2
Max.(Ω)
Irms3
(A)
Isat4
(A)
L1
(μH)
Tolerance
DCR2
Typ.(Ω)
DCR2
Max.(Ω)
Irms3
(A)
Isat4
(A)
2MA129-331MF
330
±20%
0.363
0.430
1.50
1.70
1320
±20%
1.452
1.720
0.75
0.85
2MA129-471MF
470
±20%
0.437
0.560
1.40
1.50
1880
±20%
1.748
2.240
0.70
0.75
2MA129-561MF
560
±20%
0.520
0.650
1.20
1.40
2240
±20%
2.080
2.600
0.60
0.70
2MA129-681MF
680
±20%
0.660
0.825
1.10
1.30
2720
±20%
2.640
3.300
0.55
0.65
2MA129-821MF
820
±20%
0.815
1.000
1.00
1.10
3280
±20%
3.260
4.000
0.50
0.55
2MA129-102MF
1000
±20%
0.930
1.200
0.88
1.00
4000
±20%
3.720
4.800
0.44
0.50
1. Inductance measured @ 100KHz, 0.3V at 25°C temperature.
2. DCR measured @ 25°C.
3. Irms for an approximate 40°C rise from 20°C ambient temperature.
4. Isat for approximate 10% roll off at 25°C.
5. Available for custom designs on request
6. Specifications subject to change without notice please check our website for latest information.


Similar Description - 2MA125-3R3NF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDQ25-100-R ETC2-SDQ25-100-R Datasheet
365Kb / 4P
   Low-Profile Dual Winding Shielded Inductor/Transformer
logo
Cooper Bussmann, Inc.
SDQ25-331-R COOPER-SDQ25-331-R Datasheet
365Kb / 4P
   Low-Profile Dual Winding Shielded Inductor/Transformer
logo
Eaton All Rights Reserv...
SDQ EATON-SDQ Datasheet
513Kb / 5P
   Low-profile dual winding shielded drum inductor/transformer
logo
Cooper Bussmann, Inc.
DRQ73-R33-R COOPER-DRQ73-R33-R Datasheet
483Kb / 7P
   Dual Winding, Shielded Inductors/Transformer
logo
Rhombus Industries Inc.
L-31302 RHOMBUS-IND-L-31302 Datasheet
17Kb / 1P
   Surface Mount Multiple Winding Inductor/Transformer
logo
Bourns Electronic Solut...
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
   Dual-Winding Shielded Power Inductors
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
479Kb / 3P
   Dual-Winding Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com