Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS20039 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PS20039
Description  DVB-S Satellite Tuner with RF bypass
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20039 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PS20039 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 11Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 12Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
PS20039
Data Sheet
2.1
PLL Registers
There are four registers that control the PLL:
The PLF bit is the PLL lock detect circuit output. The PLF bit is set after 64 consecutive comparison cycles in lock.
A chip-wide reset initializes the lock detect output to 0.
The 2[14:8] bits are the MSB bits of the LO Divider divide value.
The 2[7:0] bits are the LSB bits of the LO Divider divide value. The division ratio of the LO divider is fully
programmable to integer values within the range of 240 to 32767.
Note that when the LO Divider divide value is to be changed, the new value is not actually presented to the LO
Divider until all of the 15-bit control word 2[14:0] has been programmed. Register 0 and 1 must be therefore be
programmed (in any order) before the LO divider is updated even if the only data change is in one of the registers.
The C[1:0] bits set the programmed charge pump current
.
The charge pump current is automatically increased to the next setting dependent on the VCO sub band that has
been selected by the VCO tuning algorithm. This is to compensate for changes in VCO gain and so provide
consistent PLL performance across all sub bands. Programming the highest charge pump value will not allow the
value to be incremented, therefore this value should not be programmed.
The value read back for the charge pump current is the actual value in use for the selected sub band.
Bit Field
Name
Default
Type
Description
7
PLF
-
R
PLL Lock Flag
6:0
2[14:8]
0
R/W
MSB bits of LO Divider register
Table 3 - Register 0
Bit Field
Name
Default
Type
Description
7:0
2[7:0]
0
R/W
LSB bits of LO Divider register
Table 4 - Register 1
Bit Field
Name
Default
Type
Description
7:6
-
0
R/W
Test modes
5:4
C[1:0]
0
R/W
Charge pump current
3:0
R[3:0]
0
R/W
Reference divider ratio
Table 5 - Register 2
C[1]
C[0]
Typ
Units
00
400
uA
01
550
uA
10
750
uA
1
1
1000
uA
Table 6 - Charge Pump Currents
Data Sheet 291467 issue 1
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
9


Similar Part No. - PS20039

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
More results

Similar Description - PS20039

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
logo
Zarlink Semiconductor I...
ZL10038LDG ZARLINK-ZL10038LDG Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10037 ZARLINK-ZL10037 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
logo
Intel Corporation
CE5037 INTEL-CE5037 Datasheet
337Kb / 31P
   Digital Satellite Tuner with RF Bypass
logo
Zarlink Semiconductor I...
ZL10039 ZARLINK-ZL10039 Datasheet
694Kb / 35P
   Digital Satellite Tuner with RF Bypass
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
   DVB-S2 Advanced Modulation Satellite Tuner
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com