Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MA127-221MF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2MA127-221MF
Description  Dual Winding Shielded Inductor/Transformer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2MA127-221MF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2MA127-221MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA127-221MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA127-221MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA127-221MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA127-221MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA127-221MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA127-221MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
 
 
1 
2MA Series
Dual Winding Shielded Inductor/Transformer
Accetek Electronics (Shenzhen) Co., Ltd.                         www.accetek.com                                       Ver.:2MA‐2012E
Accetek 
A FEATURES
 Dual winding shielded inductor can be used as single/dual/coupled inductor or 1:1 transformer
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
 260°C reflow peak temperature qualified
 Inductance up to 1mH in parallel mode for all case size
 Protect tube inside to protect the enameled cooper wire
 High strength sealing epoxy with stable temperatures character to keep the parts strong at wide range temperatures:
(Typical Hardness: ShoreD 86 @25°C, ShoreD 70 @125°C)
 Available for 4 case size, up to 129 size (12.5×12.5×10.0mm) to meet with higher current requirements
 Recommend for SEPIC and Flyback applications
 Custom designs on request
B PART NUMBER SYSTEM
2MA
125
-
100
M
F
❶ 
❷ 
 
❸ 
❹ 
❺ 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
2MA
Series Code
74 (7.6×7.6×4.6)
125 (12.5×12.5×6.0)
127 (12.5×12.5×8.0)
129 (12.5×12.5×10.0)
❸ 
Inductance Code
e.g.
Calculation
2R2
2.2μH
100
10×100μH = 10μH
❺ 
RoHS Compliant
101
10×101μH = 100μH
❹ 
Inductance Tolerance
K
±10%
M
±20%
N
±30%
C DRAWINGS AND DIMENSIONS
 
XXX
1.45 Typ
[0,057]
0,85 Typ
[0,033]
7,60 Max
[0,299]
7,60 Max
[0,299]
4,60 Max
[0,181]
1
4
2
3
4
3
1
2
7,50
[0,295]
2,80
[0,110]
2,20
[0,087]
1.00
[0,039]
7,50
[0,295]
2,20
[0,087]
0,80
[0,031]
2,20
[0,087]
7,50
[0,295]
1.00
[0,039]
0,80
[0,031]
Dual Inductor Mode
Parallel Mode
Series Mode
Land Pattern
Land Pattern
Land Pattern
2MA74


Similar Description - 2MA127-221MF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDQ25-100-R ETC2-SDQ25-100-R Datasheet
365Kb / 4P
   Low-Profile Dual Winding Shielded Inductor/Transformer
logo
Cooper Bussmann, Inc.
SDQ25-331-R COOPER-SDQ25-331-R Datasheet
365Kb / 4P
   Low-Profile Dual Winding Shielded Inductor/Transformer
logo
Eaton All Rights Reserv...
SDQ EATON-SDQ Datasheet
513Kb / 5P
   Low-profile dual winding shielded drum inductor/transformer
logo
Cooper Bussmann, Inc.
DRQ73-R33-R COOPER-DRQ73-R33-R Datasheet
483Kb / 7P
   Dual Winding, Shielded Inductors/Transformer
logo
Rhombus Industries Inc.
L-31302 RHOMBUS-IND-L-31302 Datasheet
17Kb / 1P
   Surface Mount Multiple Winding Inductor/Transformer
logo
Bourns Electronic Solut...
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
   Dual-Winding Shielded Power Inductors
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
479Kb / 3P
   Dual-Winding Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com