Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3244 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL3244
Description  1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3244 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL3244 Datasheet HTML 3Page - Intersil Corporation ICL3244 Datasheet HTML 4Page - Intersil Corporation ICL3244 Datasheet HTML 5Page - Intersil Corporation ICL3244 Datasheet HTML 6Page - Intersil Corporation ICL3244 Datasheet HTML 7Page - Intersil Corporation ICL3244 Datasheet HTML 8Page - Intersil Corporation ICL3244 Datasheet HTML 9Page - Intersil Corporation ICL3244 Datasheet HTML 10Page - Intersil Corporation ICL3244 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN4876.10
March 1, 2006
MOUSE DRIVEABILITY (ICL3244 Only)
Transmitter Output Voltage
(See Figure 11)
T1IN = T2IN = GND, T3IN = VCC, T3OUT Loaded with 3kΩ to
GND, T1OUT and T2OUT Loaded with 2.5mA Each
Full
±5-
-
V
ENHANCED AUTOMATIC POWERDOWN (FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to
INVALID High
See Figure 6
Full
-2.7
-
2.7
V
Receiver Input Thresholds to
INVALID Low
See Figure 6
Full
-0.3
-
0.3
V
INVALID, READY Output Voltage
Low
IOUT = 1.6mA
Full
-
-
0.4
V
INVALID, READY Output Voltage
High
IOUT = -1.0mA
Full
VCC-0.6
-
-
V
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
ICL3238
25
-
0.1
-
µs
All Others
25
-
1
-
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
ICL3238
25
-
50
-
µs
All Others
25
-
30
-
µs
Receiver or Transmitter Edge to
Transmitters Enabled Delay (tWU)
ICL3238, Note 5
25
-
25
-
µs
All Others, Note 5
25
-
100
-
µs
Receiver or Transmitter Edge to
Transmitters Disabled Delay
(tAUTOPWDN)
Note 5
Full
153060
sec
TIMING CHARACTERISTICS
Maximum Data Rate
RL = 3kΩ, CL = 1000pF, One Transmitter Switching
Full
250
500
-
kbps
Receiver Propagation Delay
Receiver Input to Receiver
Output, CL = 150pF
tPHL
25
-
0.15
-
µs
tPLH
25
-
0.15
-
µs
Receiver Output Enable Time
Normal Operation (ICL3238/44 Only)
25
-
200
-
ns
Receiver Output Disable Time
Normal Operation (ICL3238/44 Only)
25
-
200
-
ns
Transmitter Skew
tPHL - tPLH
25
-
100
-
ns
Receiver Skew
tPHL - tPLH
25
-
50
-
ns
Transition Region Slew Rate
VCC = 3.3V,
RL = 3kΩ to 7kΩ,
Measured From 3V to -3V or -3V
to 3V
CL = 150pF to 1000pF
25
6
-
30
V/
µs
CL = 150pF to 2500pF
25
4
8
30
V/
µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
Human Body Model
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge
25
-
±8-
kV
IEC61000-4-2 Air Gap Discharge
25
-
±10
-
kV
All Other Pins
Human Body Model
25
-
±2.5
-
kV
NOTE:
4. An “edge” is defined as a transition through the transmitter or receiver input thresholds.
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF (ICL3238: C1 - C4 = 0.22µF @ VCC = 3V); Unless
Otherwise Specified. Typicals are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ICL3224, ICL3226, ICL3238, ICL3244


Similar Part No. - ICL3244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3244 INTERSIL-ICL3244 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244 INTERSIL-ICL3244 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244CA INTERSIL-ICL3244CA Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3244CA INTERSIL-ICL3244CA Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225 RENESAS-ICL3225 Datasheet
830Kb / 19P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3225 INTERSIL-ICL3225_06 Datasheet
380Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227 INTERSIL-ICL3227 Datasheet
535Kb / 20P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225 INTERSIL-ICL3225 Datasheet
461Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com