Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V416L Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71V416L
Description  3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V416L Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71V416L Datasheet HTML 1Page - Integrated Device Technology IDT71V416L Datasheet HTML 2Page - Integrated Device Technology IDT71V416L Datasheet HTML 3Page - Integrated Device Technology IDT71V416L Datasheet HTML 4Page - Integrated Device Technology IDT71V416L Datasheet HTML 5Page - Integrated Device Technology IDT71V416L Datasheet HTML 6Page - Integrated Device Technology IDT71V416L Datasheet HTML 7Page - Integrated Device Technology IDT71V416L Datasheet HTML 8Page - Integrated Device Technology IDT71V416L Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
6.42
4
IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
Commercial and Industrial Temperature Ranges
AC Test Conditions
AC Test Loads
Figure 3. Output Capacitive Derating
Figure 1. AC Test Load
Figure 2. AC Test Load
(for tCLZ, tOLZ, tCHZ, tOHZ, tOW, and tWHZ)
*Including jig and scope capacitance.
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
AC Test Load
GND to 3.0V
1.5ns
1.5V
1.5V
Figures 1,2 and 3
3624 tbl 09
+1.5V
50
I/O
Z0 =50
3624 drw 03
30pF
3624 drw 04
320
350
5pF*
DATA OUT
3.3V
IDT71V416S/71V416L
1
2
3
4
5
6
7
20 40
60 80 100 120 140 160 180 200
∆tAA, tACS
(Typical, ns)
CAPACITANCE (pF)
8
3624 drw 05
DC Electrical Characteristics
(VDD = Min. to Max., Commercial and Industrial Temperature Ranges)
DC Electrical Characteristics(1, 2, 3)
(VDD = Min. to Max., VLC = 0.2V, VHC = VDD – 0.2V)
NOTES:
1. All values are maximum guaranteed values.
2. All inputs switch between 0.2V (Low) and VDD -0.2V (High).
3. Power specifications are preliminary.
4. fMAX = 1/tRC (all address inputs are cycling at fMAX); f = 0 means no address input lines are changing.
5. Standard power 10ns (S10) speed grade only.
Symbol
Parameter
71V416S/L10
71V416S/L12
71V416S/L15
Unit
Com'l.
Ind.
(5)
Com'l.
Ind.
Com'l.
Ind.
ICC
Dynamic Operating Current
CS < VLC, Outputs Open, VDD = Max., f = fMAX(4)
S
200
200
180
180
170
170
mA
L
180
170
170
160
160
ISB
Dynamic Standby Power Supply Current
CS > VHC, Outputs Open, VDD = Max., f = fMAX(4)
S
7070
6060
5050
mA
L
50
45
45
40
40
ISB1
Full Standby Pow er Supply Current (static)
CS > VHC, Outputs Open, VDD = Max., f = 0(4)
S
2020
2020
2020
mA
L
10
10
10
10
10
3624 tbl 08
Symbol
Parameter
Test Conditions
IDT71V416
Unit
Min.
Max.
|ILI|
Input Leakage Current
VCC = Max., VIN = VSS to VDD
___
5µ A
|ILO|
Output Leakage Current
VDD = Max.,
CS = VIH, VOUT = VSS to VDD
___
5µ A
VOL
Output Low Voltage
IOL = 8mA, VDD = Min.
___
0.4
V
VOH
Output High Voltage
IOH = -4mA, VDD = Min.
2.4
___
V
3624 tbl 07


Similar Part No. - IDT71V416L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416L IDT-IDT71V416L Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L IDT-IDT71V416L Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
IDT71V416L10BEG IDT-IDT71V416L10BEG Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEGI IDT-IDT71V416L10BEGI Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10PHG IDT-IDT71V416L10PHG Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results

Similar Description - IDT71V416L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S IDT-IDT71V416S_13 Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com