Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3226IAZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL3226IAZ
Description  1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3226IAZ Datasheet(HTML) 1 Page - Intersil Corporation

  ICL3226IAZ Datasheet HTML 1Page - Intersil Corporation ICL3226IAZ Datasheet HTML 2Page - Intersil Corporation ICL3226IAZ Datasheet HTML 3Page - Intersil Corporation ICL3226IAZ Datasheet HTML 4Page - Intersil Corporation ICL3226IAZ Datasheet HTML 5Page - Intersil Corporation ICL3226IAZ Datasheet HTML 6Page - Intersil Corporation ICL3226IAZ Datasheet HTML 7Page - Intersil Corporation ICL3226IAZ Datasheet HTML 8Page - Intersil Corporation ICL3226IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
ICL3224, ICL3226, ICL3238, ICL3244
1 Microamp, +3V to +5.5V, 250kbps,
RS-232 Transceivers with Enhanced
Automatic Powerdown
The Intersil ICL32XX devices are 3.0V to 5.5V powered
RS-232 transmitters/receivers which meet ElA/TIA-232 and
V.28/V.24 specifications, even at VCC = 3.0V. Targeted
applications are PDAs, Palmtops, and notebook and laptop
computers where the low operational, and even lower
standby, power consumption is critical. Efficient on-chip
charge pumps, coupled with manual and enhanced
automatic powerdown functions, reduce the standby supply
current to a 1
µA trickle. Small footprint packaging, and the
use of small, low value capacitors ensure board space
savings as well. Data rates greater than 250kbps are
guaranteed at worst case load conditions. This family is fully
compatible with 3.3V only systems, mixed 3.3V and 5.0V
systems, and 5.0V only systems.
The ICL3244 is a 3 driver, 5 receiver device that provides a
complete serial port suitable for laptop or notebook
computers. The ICL3244/38 also include a noninverting
always-active receiver for RING INDICATOR monitoring.
These devices feature an enhanced automatic
powerdown function which powers down the on-chip power-
supply and driver circuits. This occurs when all receiver and
transmitter inputs detect no signal transitions for a period of
30sec. These devices power back up, automatically,
whenever they sense a transition on any transmitter or
receiver input.
Table 1 summarizes the features of the devices represented
by this data sheet, while Application Note AN9863
summarizes the features of each device comprising the
ICL32XX 3V family.
Features
Pb-Free Plus Anneal Available (RoHS Compliant)
±15kV ESD Protected (Human Body Model)
• Manual and Enhanced Automatic Powerdown Features
• Drop in Replacements for MAX3224, MAX3226,
MAX3238, MAX3244
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• Latch-Up Free
• RS-232 Compatible with VCC = 2.7V
• On-Chip Voltage Converters Require Only Four External
0.1
µF Capacitors
• Flow-Through Pinout (ICL3238)
• Guaranteed Mouse Driveability (ICL3244)
• “Ready to Transmit” Indicator Output (ICL3224/26)
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/
µs
• Wide Power Supply Range . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State. . . . . . . . . . .1
µA
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Modems, Printers and other Peripherals
- Digital Cameras
- Cellular/Mobile Phones
- Data Cradles
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• AN9863, “3V to +5.5V, 250k-1Mbps, RS-232
Transmitters/Receivers”
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
NO. OF
Tx.
NO. OF
Rx.
NO. OF
MONITOR Rx.
(ROUTB)
DATA
RATE
(kbps)
Rx. ENABLE
FUNCTION?
READY
OUTPUT?
MANUAL
POWER-
DOWN?
ENHANCED
AUTOMATIC
POWERDOWN
ICL3224
2
2
0
250
NO
YES
YES
YES
ICL3226
1
1
0
250
NO
YES
YES
YES
ICL3238
5
3
1
250
NO
NO
YES
YES
ICL3244
3
5
1
250
NO
NO
YES
YES
Data Sheet
March 1, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, 2002, 2004-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
FN4876.10


Similar Part No. - ICL3226IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3226IAZ RENESAS-ICL3226IAZ Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
ICL3226IAZ-T RENESAS-ICL3226IAZ-T Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
More results

Similar Description - ICL3226IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225 RENESAS-ICL3225 Datasheet
830Kb / 19P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3225 INTERSIL-ICL3225_06 Datasheet
380Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227 INTERSIL-ICL3227 Datasheet
535Kb / 20P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225 INTERSIL-ICL3225 Datasheet
461Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com