Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWX1V100MCL1GB Datasheet(PDF) 1 Page - Nichicon corporation

Part # UWX1V100MCL1GB
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWX1V100MCL1GB Datasheet(HTML) 1 Page - Nichicon corporation

  UWX1V100MCL1GB Datasheet HTML 1Page - Nichicon corporation UWX1V100MCL1GB Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
W
2
X
3
1
4
C
5
1
6
0
7
0
8
M
9
C
10
L
11
1
12
G
13
B
14
Configuration
Taping code
Size code
Capacitance tolerance (
±20%)
Rated capacitance (10
µF)
Rated voltage (16V)
Series name
Type
φD
3
4 to 8
Code
2
1
1. Voltage mark for 6.3V is
6V .
In case of marking for
φ3 units, “V” for rated voltage is omitted.
2. In case of marking for
φ3 units, Lot No.is expressed by a digit (month code).
0.5 to 0.8
Capacitance
1 Voltage
2 Lot No.
Plastic platform
0.3 MAX.
5.4
+0.1
–0.2
C
±0.2
Positive
Negative
φD 3
A
B
C
E
1.5
3.3
3.3
0.8
1.8
4.3
4.3
1.0
2.1
5.3
5.3
1.3
2.4
6.6
6.6
2.2
45
(mm)
6.3
3.3
8.3
8.3
2.3
8
WX
series
5.5mmL Chip Type
Chip type with 5.5mm height.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine fed with carrier tape.
Load life of 2000 hours at 85°C.
Compliant to the RoHS directive (2011/65/EU).
Chip Type
Type numbering system (Example : 16V 10µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Resistance to soldering
heat
Marking
Performance Characteristics
Item
– 40 to +85°C
4 to 50V
0.1 to 330µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA) ,whichever is greater.
Black print on the case top.
Values in ( ) applicable to WR,
φ3 case size.
Measurement frequency : 120Hz
The specifications listed at right shall be met
when the capacitors are restored to 20°C after
the rated voltage is applied for 2000 hours at
85°C.
Shelf Life
After storing the capacitors under no load at 85°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
The capacitors are kept on a hot plate for 30 seconds, which is
maintained at 250°C. The capacitors shall meet the
characteristic requirements listed at right when they are
removed from the plate and restored to 20°C.
Rated voltage (V)
tan
δ (MAX.)
6.3
0.26 (0.30)
10
0.20 (0.24)
16
0.16 (0.19)
25
0.14 (0.16)
35
0.12 (0.14)
50
0.12 (0.14)
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
4
7
15
6.3
4
8
10
3
8
16
2
4
25
2
4
35
2
3
50
2
3
WX
WT
Bi-polarized
WP
Measurement frequency : 120Hz at 20°C
4
0.35 (0.40)
High
Temperature
Capacitance change
Leakage Current
tan
δ
Within ±20% of the initial capacitance value (Within ±25% for 4 V and
φ3,WR series units)
200
% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
Leakage current
tan
δ
Within ±10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
Dimension table in next page.
WJ
High
Te m p reflow
In the case of size φ3 in ( ),parentheses, use WX in the 2nd and 3rd
digit and put a
in the 12th digit of type numbering system.
2
ZS
Smaller
CAT.8100C


Similar Part No. - UWX1V100MCL1GB

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWX1V100MCL1GB NICHICON-UWX1V100MCL1GB Datasheet
149Kb / 3P
   5.5mmL Chip Type
More results

Similar Description - UWX1V100MCL1GB

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com