Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS12000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS12000
Description  3/6 Channel DC to 2 GHz Power Splitter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS12000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS12000 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS12000 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS12000 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS12000 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS12000 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS12000 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS12000 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS12000 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS12000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PS12000
Data Sheet 210913 issue 2
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
3


Similar Part No. - PS12000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
More results

Similar Description - PS12000

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40000 ZARLINK-ZL40000 Datasheet
433Kb / 26P
   3/6 Channel DC to 2 GHz Power Splitter
logo
Analog Devices
ADL5511 AD-ADL5511_17 Datasheet
1Mb / 29P
   DC to 6 GHz
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
   2 GHz to 6 GHz, 45 dBm Power Amplifier
logo
Mini-Circuits
K2-HAT MINI-K2-HAT Datasheet
286Kb / 1P
   DC to 2 GHz
K1-HAT MINI-K1-HAT Datasheet
283Kb / 1P
   DC to 2 GHz
logo
Aeroflex Circuit Techno...
MMA703 AEROFLEX-MMA703 Datasheet
393Kb / 4P
   DC to 6 GHz Amplifier
logo
Pasternack Enterprises,...
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
   2 GHz to 6 GHz Frequency Range
logo
TriQuint Semiconductor
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
   2 to 6 GHz, 30W GaN Power Amplifier
logo
Mini-Circuits
ADAPTERS_BNC_SMA MINI-ADAPTERS_BNC_SMA Datasheet
109Kb / 2P
   50OHM DC to 2 GHz
logo
Pasternack Enterprises,...
PE3CA1051 PASTERNACK-PE3CA1051 Datasheet
385Kb / 4P
   Operate from DC to 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com