Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30700-1209 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 30700-1209
Description  2.54mm Pitch, 0.64mm Width H-DAC 64 High Density Automotive Connectors, Dual
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

30700-1209 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  30700-1209 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
30700-1209
Status:
Active
Overview:
H-DAC 64™ Dual-Row High Density Automotive Connectors
Description:
2.54mm Pitch, 0.64mm Width H-DAC 64™ High Density Automotive Connectors, Dual
Row, Female Harness Assembly, 20 Circuits, Polarization Option 3, Natural
Documents:
3D Model
Product Specification PS-34646-001 (PDF)
Drawing (PDF)
Application Specification AS-30700-000 (PDF)
Product Specification PS-30700-0001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-30968-0001 (PDF)
General
Product Family
Crimp Housings
Series
30700
Application
Power, Wire-to-Wire
Comments
Polarization Option 3
Overview
H-DAC 64™ Dual-Row High Density Automotive
Connectors
Product Name
H-DAC 64™
UPC
822348516384
Physical
Circuits (maximum)
20
Color - Resin
Red
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
5.418/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
7A
Material Info
Reference - Drawing Numbers
Application Specification
AS-30700-000
Product Specification
PS-30700-0001, PS-30968-0001, PS-34646-001
Sales Drawing
SD-30700-120
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
30700Series
Mates With
30700 Header, 30968 Crimp Housing
Use With
34230 Terminal
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 30700-1209

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
30700-1209 MOLEX4-30700-1209 Datasheet
490Kb / 4P
   2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64??High Density AutomotiveConnectors, Dual Row, Female Harness Assembly, 20 Circuits, Polarization Option 3,Natural
More results

Similar Description - 30700-1209

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
30700-1187 MOLEX11-30700-1187 Datasheet
48Kb / 1P
   2.54mm Pitch, 0.64mm Width H-DAC 64 High Density Automotive Connectors, Dual
30700-1207 MOLEX11-30700-1207 Datasheet
49Kb / 1P
   2.54mm Pitch, 0.64mm Width H-DAC 64 High Density Automotive Connectors, Dual
30700-1208 MOLEX11-30700-1208 Datasheet
49Kb / 1P
   2.54mm Pitch, 0.64mm Width H-DAC 64 High Density Automotive Connectors, Dual
30700-1189 MOLEX11-30700-1189 Datasheet
48Kb / 1P
   2.54mm Pitch, 0.64mm Width H-DAC 64 High Density Automotive Connectors, Dual
30700-1188 MOLEX11-30700-1188 Datasheet
48Kb / 1P
   2.54mm Pitch, 0.64mm Width H-DAC 64 High Density Automotive Connectors, Dual
30700-1082 MOLEX11-30700-1082 Datasheet
48Kb / 1P
   2.54mm Pitch, 0.64mm Width H-DAC 64 High Density Automotive Connectors
30700-1100 MOLEX11-30700-1100 Datasheet
48Kb / 1P
   2.54mm Pitch, 0.64mm Width H-DAC 64 High Density Automotive Connectors
30700-1147 MOLEX11-30700-1147 Datasheet
48Kb / 1P
   2.54mm Pitch, 0.64mm Width H-DAC 64 High Density Automotive Connectors
30700-1080 MOLEX11-30700-1080 Datasheet
48Kb / 1P
   2.54mm Pitch, 0.64mm Width H-DAC 64 High Density Automotive Connectors
30700-1122 MOLEX11-30700-1122 Datasheet
48Kb / 1P
   2.54mm Pitch, 0.64mm Width H-DAC 64 High Density Automotive Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com