Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30968-1169 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 30968-1169
Description  2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

30968-1169 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  30968-1169 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
30968-1169
Status:
Active
Overview:
H-DAC 64™ Dual-Row High Density Automotive Connectors
Description:
2.54mm Pitch, 0.64mm Width HDAC 64™ High Density Automotive Crimp Housing,
Dual Row, 16 Circuits, Polarization Option #2, White
Documents:
3D Model
Product Specification PS-34646-001 (PDF)
Drawing (PDF)
Application Specification AS-30700-000 (PDF)
Product Specification PS-30968-0001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
30968
Application
Power, Wire-to-Wire
Comments
Polarization Option #3
Overview
H-DAC 64™ Dual-Row High Density Automotive
Connectors
Product Name
H-DAC 64™
UPC
822348870387
Physical
Circuits (maximum)
16
Circuits Detail
16
Color - Resin
White
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene
Net Weight
7.192/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
7A
Material Info
Reference - Drawing Numbers
Application Specification
AS-30700-000
Product Specification
PS-30968-0001, PS-34646-001
Sales Drawing
SD-30968-120
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
30968Series
Mates With
30700 , 31389 H-DAC 64™ High Density
Automotive Connectors
Use With
34230 Terminal
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 30968-1169

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
30968-1169 MOLEX4-30968-1169 Datasheet
312Kb / 3P
   2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64?
More results

Similar Description - 30968-1169

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
30968-1082 MOLEX11-30968-1082 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
30968-1060 MOLEX11-30968-1060 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
30968-1207 MOLEX11-30968-1207 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
30968-1080 MOLEX11-30968-1080 Datasheet
42Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
30968-1128 MOLEX11-30968-1128 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
30968-1167 MOLEX11-30968-1167 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
30968-1100 MOLEX11-30968-1100 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
30968-1129 MOLEX11-30968-1129 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
30968-1081 MOLEX11-30968-1081 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
30968-1127 MOLEX11-30968-1127 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com