Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP8085AH Datasheet(PDF) 1 Page - 3M Electronics

Part # QP8085AH
Description  8-BIT HMOS MICROPROCESSORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

QP8085AH Datasheet(HTML) 1 Page - 3M Electronics

  QP8085AH Datasheet HTML 1Page - 3M Electronics QP8085AH Datasheet HTML 2Page - 3M Electronics QP8085AH Datasheet HTML 3Page - 3M Electronics QP8085AH Datasheet HTML 4Page - 3M Electronics QP8085AH Datasheet HTML 5Page - 3M Electronics QP8085AH Datasheet HTML 6Page - 3M Electronics QP8085AH Datasheet HTML 7Page - 3M Electronics QP8085AH Datasheet HTML 8Page - 3M Electronics QP8085AH Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
8085AH/-1/-2
© 2013 Rochester Electronics, LLC. All Rights Reserved 04242013
Specification Number 8085AH-1-2-C (I) Rev C
Page 1 of 21
TABLE 5
SPECIFICATION NUMBER 8085AH-1-2-C (I) REV -
Page 1 of 20
The 8085AH is a complete 8-bit parallel Central Processing Unit (CPU) implemented in N-channel, depletion load,
silicon gate technology (HMOS). Its instruction set is 100% software compatible with the 8080A microprocessor,
and it is designed to improve the present 8080A’s performance by higher system speed. Its high level of system
integration allows a minimum system of three IC’s [8085AH (CPU), 8156H (RAM/IO) and 8755A (EPROM/IO)]
while maintaining total system expandability. The 8085AH-2 and 8085AH-1 are faster versions of the 8085AH.
The 8085AH incorporates all of the features that the 8224 (clock generator) and 8228 (system controller)
provided for the 8080A, thereby offering a higher level of system integration.
The 8085AH uses a multiplexed data bus. The address is split between the 8-bit address bus and the 8-bit data
bus. The on-chip address latches of 8155H/8156H/8755A memory products allow a direct interface with the
8085AH.
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
For complete Rochester ordering guide, please refer to page 2
Please contact factory for specific package availability and
Military/Aerospace specifications/availability.


Similar Part No. - QP8085AH

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
QP8251A ROCHESTER-QP8251A Datasheet
642Kb / 11P
   PROGRAMMABLE COMMUNICATION INTERFACE 28-Pin DIP Package
More results

Similar Description - QP8085AH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
   8 BIT HMOS MICROPROCESSORS
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
   8-BIT HMOS MICROPROCESSORS
8088 INTEL-8088 Datasheet
378Kb / 30P
   8-BIT HMOS MICROPROCESSOR
M8085AH INTEL-M8085AH Datasheet
1Mb / 8P
   8-BIT HMOS MICROPROCESSOR
logo
Intersil Corporation
CDP1802A INTERSIL-CDP1802A Datasheet
115Kb / 27P
   CMOS 8-Bit Microprocessors
March 1997
CDP1802A INTERSIL-CDP1802A_1 Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
logo
NEC
UPD70008 NEC-UPD70008 Datasheet
1Mb / 27P
   8-BIT CMOS MICROPROCESSORS
logo
Intel Corporation
P8748H INTEL-P8748H Datasheet
704Kb / 13P
   HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER
D8748H INTEL-D8748H Datasheet
624Kb / 12P
   HMOS-E SINGLE-COMPONENT 8-BIT MICROCONTROLLER
8086 INTEL-8086 Datasheet
623Kb / 30P
   16-BIT HMOS MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com