Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP8085AH Datasheet(PDF) 2 Page - 3M Electronics

Part # QP8085AH
Description  8-BIT HMOS MICROPROCESSORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

QP8085AH Datasheet(HTML) 2 Page - 3M Electronics

  QP8085AH Datasheet HTML 1Page - 3M Electronics QP8085AH Datasheet HTML 2Page - 3M Electronics QP8085AH Datasheet HTML 3Page - 3M Electronics QP8085AH Datasheet HTML 4Page - 3M Electronics QP8085AH Datasheet HTML 5Page - 3M Electronics QP8085AH Datasheet HTML 6Page - 3M Electronics QP8085AH Datasheet HTML 7Page - 3M Electronics QP8085AH Datasheet HTML 8Page - 3M Electronics QP8085AH Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
8085AH/-1/-2
Specification Number 8085AH-1-2-C (I) Rev C
Page 2 of 21
Rochester Part Number
Intel Part Number
Package
Temperature
D8085AH
D8085AH
CDIP-40
0° to +70°C
D8085AH-1
D8085AH-1
CDIP-40
0° to +70°C
D8085AH-2
D8085AH-2
CDIP-40
0° to +70°C
P8085AH
P8085AH
PDIP-40
0° to +70°C
P8085AH-1
P8085AH-1
PDIP-40
0° to +70°C
P8085AH-2
P8085AH-2
PDIP-40
0° to +70°C
QD8085AH
QD8085AH
CDIP-40
0° to +70°C
QD8085AH-2
QD8085AH-2
CDIP-40
0° to +70°C
QP8085AH
QP8085AH
PDIP-40
0° to +70°C
QP8085AH-2
QP8085AH-2
PDIP-40
0° to +70°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.


Similar Part No. - QP8085AH

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
QP8251A ROCHESTER-QP8251A Datasheet
642Kb / 11P
   PROGRAMMABLE COMMUNICATION INTERFACE 28-Pin DIP Package
More results

Similar Description - QP8085AH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
   8 BIT HMOS MICROPROCESSORS
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
   8-BIT HMOS MICROPROCESSORS
8088 INTEL-8088 Datasheet
378Kb / 30P
   8-BIT HMOS MICROPROCESSOR
M8085AH INTEL-M8085AH Datasheet
1Mb / 8P
   8-BIT HMOS MICROPROCESSOR
logo
Intersil Corporation
CDP1802A INTERSIL-CDP1802A Datasheet
115Kb / 27P
   CMOS 8-Bit Microprocessors
March 1997
CDP1802A INTERSIL-CDP1802A_1 Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
logo
NEC
UPD70008 NEC-UPD70008 Datasheet
1Mb / 27P
   8-BIT CMOS MICROPROCESSORS
logo
Intel Corporation
P8748H INTEL-P8748H Datasheet
704Kb / 13P
   HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER
D8748H INTEL-D8748H Datasheet
624Kb / 12P
   HMOS-E SINGLE-COMPONENT 8-BIT MICROCONTROLLER
8086 INTEL-8086 Datasheet
623Kb / 30P
   16-BIT HMOS MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com