Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3600 Datasheet(PDF) 1 Page - Coto Technology

Part # 3600
Description  3600 SERIES/LOW THERMAL EMF REED RELAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

3600 Datasheet(HTML) 1 Page - Coto Technology

  3600 Datasheet HTML 1Page - Coto Technology 3600 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
in Inches (Millimeters)
3600 Series Low Thermal EMF Reed Relays
The 3600 Series is ideally suited to the needs of Instrumentation, Data Acquisition,
and Process Control. The specification tables allow you to select the appropriate relay
for your particular application. Recommended for use in Scanners, Multiplexers and
Digital or Analog Multipoint Recorders. If your requirements differ from the selection
options, please consult Coto’s Factory to discuss a custom reed relay.
3600 Series Features
u
Low Thermal EMF: < 5 µV through < 0.5 µV with 50 nV stability
u
Patented Low Thermal Design. U.S. Patent #4,084,142
u
Low power coils to ensure low thermal EMF
u
High Insulation Resistance - 1012Ω
u
Control/Signal isolation of 1500 VDC
u
High speed switching compared to electromechanical relays
u
High reliability, hermetically sealed contacts
u
Various Form A contacts. High Dielectric Strength
u
Epoxy coated steel shell provides magnetic shielding
u
Electrostatic shield standard for reducing capacitive coupling
u
RoHS compliant
3600 SERIES/LOW THERMAL EMF REED RELAYS
1
3
5
7
9
2
4
6
8
10
1.20
1.000
.660
.475
.050
.115 MIN
.026 DIA.
(30.48)
(16.76)
(25.4)
(0.66)
(1.27)
(12.06)
(2.92)
.100
Ordering Information
Part Number
XXXX XX X
-- 2
Model Number
3602
3650
3660
Coil Voltage
05=5 volts
12=12 volts
Thermal EMF Rating
See available ratings in specification table.
9=<5µV
8=<3µV
7=<1µV
5=<0.5µV
Bottom View
tel: (401) 943.2686
|
fax: (401) 942.0920
22 | page


Similar Part No. - 3600

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3600 BOURNS-3600 Datasheet
198Kb / 1P
   10-Turn Precision Knobpot
logo
Pomona Electronics
3600 POMONA-3600 Datasheet
33Kb / 3P
   Assembly Instructions Triaxial Cable Plug
logo
ebm-papst
3600 EBMPAPST-3600 Datasheet
423Kb / 1P
   TUBEAXIAL
3600 EBMPAPST-3600 Datasheet
290Kb / 4P
   AC axial compact fan
logo
Heyco.
3600 HEYCO-3600 Datasheet
160Kb / 1P
   Cable Holders - Arrowhead Mount
More results

Similar Description - 3600

ManufacturerPart #DatasheetDescription
logo
Coto Technology
3501-05-1-0 COTO-3501-05-1-0 Datasheet
337Kb / 2P
   Low Thermal EMF Reed Relays
logo
RHOPOINT COMPONENTS
3602 RHOPOINT-3602 Datasheet
51Kb / 2P
   Low Thermal EMF Reed Relays
logo
Coto Technology
3602-05-92 COTO-3602-05-92 Datasheet
309Kb / 2P
   Low Thermal EMF Reed Relays
logo
RHOPOINT COMPONENTS
3501 RHOPOINT-3501 Datasheet
63Kb / 2P
   Low Thermal EMF Reed Relays
logo
Coto Technology
3500 COTO-3500 Datasheet
648Kb / 2P
   3500 SERIES/LOW THERMAL EMF REED RELAYS
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
   Low thermal EMF version
logo
Pomona Electronics
2305 POMONA-2305 Datasheet
23Kb / 1P
   Insulated Low Thermal EMF Spade Lug
5291A POMONA-5291A Datasheet
155Kb / 1P
   Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
logo
Standex Electronics, In...
MHV05-1A STANDEX-MHV05-1A Datasheet
748Kb / 4P
   MHV Series Reed Relays
Version 01 30 Sep 2022
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com