Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2031 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SD2031
Description  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2031 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SD2031 Datasheet HTML 1Page - Hitachi Semiconductor 2SD2031 Datasheet HTML 2Page - Hitachi Semiconductor 2SD2031 Datasheet HTML 3Page - Hitachi Semiconductor 2SD2031 Datasheet HTML 4Page - Hitachi Semiconductor 2SD2031 Datasheet HTML 5Page - Hitachi Semiconductor 2SD2031 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SD2030, 2SD2031
4
Saturation Voltage vs. Collector Current
0.05
0.1
0.2
1.0
2
5
0.5
Collector Current IC (mA)
1
2
5
10
20
50
100
VBE (sat)
VCE (sat)
lC = 10 lB
Pulse Test
Ta =
–25
°C
Ta = –25°C
25
75
25
75
Gain Bandwidth Product vs.
Collector Current
Collector Current IC (mA)
0.5
1.0
2
5
10
20
50
5
10
20
50
100
200
500
VCE = 5 V
Pulse Test
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
1
2
5
10
20
50
100
0.5
1.0
2
5
10
20
50
f = 1 MHz
IE = 0


Similar Part No. - 2SD2031

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD2031 RENESAS-2SD2031 Datasheet
153Kb / 8P
   Silicon NPN Epitaxial
More results

Similar Description - 2SD2031

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com