Selected language     English  ā–¼


N001-025-GN Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. N001-025-GN
Description  Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Green, 25-ft.
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

   
 2 page
background image
Model Type
Snagless Patch Cables
INPUT
Cable Length (ft.)
25
Cable Length (m)
7.62
UPC ASSIGNMENT
Unit Carton UPC#
037332099792
PHYSICAL
Color
Green
Style
Cat5/5e
CONNECTIONS
Connector A
RJ45 (MALE)
Connector B
RJ45 (MALE)
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
N001-010-GN
10-ft. Cat5e 350MHz Snagless Molded Cable (RJ45 M/M) - Green
1
N001-014-GN
14-ft. Cat5e 350MHz Snagless Molded Cable (RJ45 M/M) - Green
1
N001-020-GN
20-ft. Cat5e 350MHz Snagless Molded Cable (RJ45 M/M) - Green
1
N001-050-GN
50-ft. Cat5e 350MHz Snagless Molded Cable (RJ45 M/M) - Green
1
N002-010-GN
10-ft. Cat5e 350MHz Molded Cable (RJ45 M/M) - Green
1
N002-014-GN
14-ft. Cat5e 350MHz Molded Cable (RJ45 M/M) - Green
1
N002-015-GN
15-ft. Cat5e 350MHz Molded Cable (RJ45 M/M) - Green
1
2 / 3




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl