Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S82K00315 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S82K00315
Description  DIN-Rail Mount Power Supply with a Wide Power Range of 3 to 240 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82K00315 Datasheet(HTML) 2 Page - Omron Electronics LLC

  S82K00315 Datasheet HTML 1Page - Omron Electronics LLC S82K00315 Datasheet HTML 2Page - Omron Electronics LLC S82K00315 Datasheet HTML 3Page - Omron Electronics LLC S82K00315 Datasheet HTML 4Page - Omron Electronics LLC S82K00315 Datasheet HTML 5Page - Omron Electronics LLC S82K00315 Datasheet HTML 6Page - Omron Electronics LLC S82K00315 Datasheet HTML 7Page - Omron Electronics LLC S82K00315 Datasheet HTML 8Page - Omron Electronics LLC S82K00315 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
57
Switching Power Supply
S82K
Ordering Information Table – continued from previous page
Rated input
lt
Power ratings
Output voltage
Output
t
Function configuration
Part number
p
voltage
g
pg
p
current
Output
Undervoltage
alarm
PFC
100 to 240 VAC
30 W
5 V
5.0 A
Single
tt
Indicator only
No
S82K-03005
12 V
2.5 A
g
output
y
S82K-03012
24 V
1.3 A
S82K-03024
50 W
24 V
2.1 A
S82K-05024
120/240 VAC
lt bl
90 W
24 V
3.75 A
Indicator and
tt
S82K-P09024
selectable
output
Yes
S82K-09024
100 W
24V
4.2 A
No
S82K-P10024
Yes
S82K-10024
120/230 VAC
lt bl
240 W
24 V
10 A
No
S82K-24024T
selectable
None
S82K-24024
100 to 230 VAC
Yes
S82K-P24024
J MODEL NUMBER LEGEND
S82K -
1
2
3
4
1. Power Factor Correction
None: No
P:
Yes
2. Power Ratings
003: 3 W
007: 7.5 W
015: 15 W
030: 30 W
050: 50 W
090: 90 W
100: 100 W
240: 240 W
3. Output Voltage
05: +5 VDC
12: +12 VDC
15: +15 VDC
24: +24 VDC
27: Dual output +12/-12 VDC
28: Dual output +15/-15 VDC
4. Undervoltage alarm indicator/output
<For 3- to 100-W models>
None: Yes
<For 240-W models>
None:No
T:
Yes
J ACCESSORIES (SOLD SEPARATELY)
Stock Note: Shaded models are normally stocked.
Noise Filter
Item
Applicable power supply
Part number
Noise filter
3- to 50-W models
S82Y-JF3-N
90-W and 100-W models
S82Y-JF6-N
DIN Rail
Item
Length
Width
Part number
DIN-rail (See Dimensions section for details.)
0.5 m (1.64 ft)
7.3 mm (0.29 in)
PFP-50N
()
1 m (3.28 ft)
7.3 mm (0.29 in)
PFP-100N
1 m (3.28 ft)
16 mm (0.63 in)
PFP-100N2


Similar Part No. - S82K00315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S82K ETC-S82K Datasheet
318Kb / 20P
   Switch mode Power Supply
S82K-00305 ETC-S82K-00305 Datasheet
318Kb / 20P
   Switch mode Power Supply
S82K-00312 ETC-S82K-00312 Datasheet
318Kb / 20P
   Switch mode Power Supply
S82K-00315 ETC-S82K-00315 Datasheet
318Kb / 20P
   Switch mode Power Supply
S82K-00324 ETC-S82K-00324 Datasheet
318Kb / 20P
   Switch mode Power Supply
More results

Similar Description - S82K00315

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REDIN240-3AC RECOM-REDIN240-3AC Datasheet
617Kb / 8P
   240 Watt 3 Phase DIN-Rail Power Supply
logo
Analog Devices
AD8426_1108 AD-AD8426_1108 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
logo
Red Lion Controls. Inc
NTPS-24-1.3 REDLION-NTPS-24-1.3 Datasheet
372Kb / 1P
   DIN Rail Mount Power Supply
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
INA827 TI-INA827_15 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
logo
Advantech Co., Ltd.
PWR-242 ADVANTECH-PWR-242 Datasheet
240Kb / 1P
   DIN-rail Power Supply Panel Mount Power Supply
logo
Omron Electronics LLC
S8PE OMRON-S8PE Datasheet
370Kb / 8P
   Three phase input switch mode Power Supply (DIN-rail mounting, 3-phase input Switch mode Power Supply with a range of 5A to 40A output current)
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
   DIN Rail Power Supply
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com