Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HOA0149 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # HOA0149
Description  Infrared Sensors Line Guide
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HOA0149 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button HOA0149 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HOA0149 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HOA0149 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HOA0149 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HOA0149 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HOA0149 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HOA0149 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HOA0149 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HOA0149 Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.honeywell.com/sensing
7
SE3455
SE3470
SE5455
SE5470
Type
GaAs
AIGaAs
GaAs
AIGaAs
Package style
TO-46 flat window
TO-46 flat window
TO-46 dome lensed
TO-46 dome lensed
Beam angle
90°
90°
20°
20°
Power output
5.4 mW min.
10.5 mW min.
4.8 mW min.
2.6 mW/cm2 min.
Output wavelength
935 nm
880 nm
935 nm
880 nm
Spectral bandwidth
50 nm
80 nm
50 nm
80 nm
Forward voltage
1.7 V
1.9 V
1.7 V
1.9 V
Mounting configuration
through-hole
through-hole
through-hole
through-hole
Termination style
0.018 in round leads
0.018 in round leads
0.018 in round leads
0.018 in round leads
Emitters -
Metal Package
SEP8505
SEP8506
SEP8705
SEP8706
SEP8736
SME2470
Type
GaAs
GaAs
AlGaAs
AIGaAs
AIGaAs
AlGaAs
Package style
T1
side emitting
T1
side emitting
tight beam side
looker
surface mount,
glass lens
Beam angle
15°
50°
15°
50°
10°
24°
Power output
2 mW/cm2 to
4 mW/cm2
0.33 mW/cm2 to
0.52 mW/cm2
2.7 mW/cm2 to
7.8 mW/cm2
0.45 mW/cm2 to
0.9 mW/cm2
1.2 mW/cm2 to
3 mW/cm2
0.6 mW/cm2 min.
Output wavelength
935 nm
935 nm
880 nm
880 nm
880 nm
880 nm
Spectral bandwidth
50 nm
50 nm
80 nm
80 nm
80 nm
80 nm
Forward voltage
1.5 V
1.5 V
1.7 V
1.7 V
1.7 V
1.5 V
Mounting configuration
through-hole
through-hole
through-hole
through-hole
through-hole
SMT
Termination style
0.018 in round
leads
0.018 in round
leads
0.020 in sq leads
0.020 in sq leads
0.020 in sq leads
SMT
Emitters - Plastic
and Ceramic Package


Similar Part No. - HOA0149

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA0149 HONEYWELL-ACC-HOA0149 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0149-001 HONEYWELL-ACC-HOA0149-001 Datasheet
66Kb / 4P
   HOA Series Infrared Reflective Sensor, Transistor Output, Low profile, Plastic Package
More results

Similar Description - HOA0149

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-011 HONEYWELL-ACC-HOA0901-011 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com