Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N001-050-WH Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N001-050-WH
Description  Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - White, 50-ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N001-050-WH Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N001-050-WH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N001-050-WH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N001-050-WH Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INPUT
Cable Length (ft.)
50
Cable Length (m)
15.24
UPC ASSIGNMENT
Unit Carton UPC#
037332172730
PHYSICAL
Color
White
Style
Cat5/5e
CONNECTIONS
Connector A
RJ45 (MALE)
Connector B
RJ45 (MALE)
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - N001-050-WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N001-050-BK TRIPPLITE-N001-050-BK Datasheet
478Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Black, 50-ft.
N001-050-BL TRIPPLITE-N001-050-BL Datasheet
478Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 50-ft.
N001-050-GN TRIPPLITE-N001-050-GN Datasheet
488Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Green, 50-ft.
N001-050-GY TRIPPLITE-N001-050-GY Datasheet
476Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 50-ft.
N001-050-RD TRIPPLITE-N001-050-RD Datasheet
482Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Red, 50-ft.
More results

Similar Description - N001-050-WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N001-005-YW TRIPPLITE-N001-005-YW Datasheet
491Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - White, 5-ft.
N001-014-WH TRIPPLITE-N001-014-WH Datasheet
474Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - White, 14-ft
N001-025-WH TRIPPLITE-N001-025-WH Datasheet
475Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - White, 25-ft.
N001-010-WH TRIPPLITE-N001-010-WH Datasheet
474Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - White, 10-ft.
N001-007-WH TRIPPLITE-N001-007-WH Datasheet
475Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - White, 7-ft.
N001-050-YW TRIPPLITE-N001-050-YW Datasheet
491Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Yellow, 50-ft.
N001-003-WH TRIPPLITE-N001-003-WH Datasheet
474Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - White, 3-ft.
N001-050-BK TRIPPLITE-N001-050-BK Datasheet
478Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Black, 50-ft.
N001-050-BL TRIPPLITE-N001-050-BL Datasheet
478Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 50-ft.
N001-050-GN TRIPPLITE-N001-050-GN Datasheet
488Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Green, 50-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com