Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2123 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SD2123
Description  Silicon NPN Epitaxial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2123 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SD2123 Datasheet HTML 1Page - Hitachi Semiconductor 2SD2123 Datasheet HTML 2Page - Hitachi Semiconductor 2SD2123 Datasheet HTML 3Page - Hitachi Semiconductor 2SD2123 Datasheet HTML 4Page - Hitachi Semiconductor 2SD2123 Datasheet HTML 5Page - Hitachi Semiconductor 2SD2123 Datasheet HTML 6Page - Hitachi Semiconductor 2SD2123 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SD2122(L)/(S), 2SD2123(L)/(S)
3
0
Case temperature TC (°C)
Maximum Collector Dissipation Curve
50
100
150
10
30
20
0.01
0.03
0.1
0.3
1.0
3.0
10
Collector to emitter voltage VCE (V)
3
10
30
100
300
Area of Safe Operation
IC (max)
2SD2123
2SD2122
Collector to emitter voltage VCE (V)
0
Typical Output Characteristics
10
20
30
40
50
0.2
0.6
0.8
1.0
0.4
IB = 0
P
C =
18
W
TC = 25°C
1 mA
2
3
4
5
6
7
8
9
10
10
30
100
300
1,000
Collector current IC (A)
0.03
0.1
0.3
1.0
3.0
DC Current Transfer Ratio
vs. Collector Current
VCE = 5 V
Ta = 25
°C


Similar Part No. - 2SD2123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD2123 RENESAS-2SD2123 Datasheet
152Kb / 8P
   Silicon NPN Epitaxial
2SD2123L RENESAS-2SD2123L Datasheet
152Kb / 8P
   Silicon NPN Epitaxial
2SD2123S RENESAS-2SD2123S Datasheet
152Kb / 8P
   Silicon NPN Epitaxial
More results

Similar Description - 2SD2123

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com