Selected language     English  ā–¼


N001-075-GY Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. N001-075-GY
Description  Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 75-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

   
 1 page
background image
Cat5e 350MHz Snagless Molded Patch Cable (RJ45
M/M) - Gray, 75-ft.
MODEL NUMBER: N001-075-GY
Description
Tripp Lite's 75-ft. gray snagless category 5e (Cat5e) patch cable has 2 snagless RJ45 molded male connectors
featuring integral strain relief. The cable is manufactured from PVC 4-pair Solid Conductor UTP for improved
long run performance, and is rated for 350MHz/1Gbps communication. All cables are offered in a variety of
lengths and colors for all category 5 (Cat5) and 5e cabling needs. Standard category 5e patch cables are also
available.
Features
Cabling for category 5 (Cat5) and 5e (Cat5e) applications
Length: 75-ft. Color: gray Connectors: RJ45 male
Feature molded connectors with integral strain relief
Snagless design protects the locking tabs on the RJ45 connectors from being damaged or snapped off during installation
PVC 4-pair Solid UTP
Rated for 350MHz/ 1Gbps communication
Meets most current industry standards including IEEE 802.3ab, IEEE 802.5, ANSI/EIA/TIA 568, ISO/IEC 11801 and ETL (category 5e draft 11)
Available in other colors and lengths
Also available without the snagless feature (N002 series)
Also available - Cat6 cables (N201 series)
Specifications
General Info
Product Group
NETWORK CABLES
Highlights
Cabling for Category 5 (Cat5)
and 5e (Cat5e) applications
Solid Conductor wire for long
distance performance
Meets most current industry
standards including IEEE
802.3ab, IEEE 802.5,
ANSI/EIA/TIA 568, ISO/IEC
11801, and ETL (Category 5e,
draft 11)
Feature molded connectors with
integral strain relief. Rated for
350 MHz/ 1 Gbps communication
Snagless boots protect the
locking tabs on the RJ45
connectors from being damaged
during installation
System Requirements
For 1000Base-T (1Gbps
Ethernet), 10/100Base-T
(Ethernet), 100 Mbps TPDDI,
155 Mbps ATM, ISDN, voice and
Token Ring Type3 applications
Package Includes
75-ft. Gray Snagless Cat5e
Patch Cable
1 / 2




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl