Selected language     English  ā–¼


N001-100-BL Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. N001-100-BL
Description  Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 100-ft.
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

   
 2 page
background image
INPUT
Cable Length (ft.)
100
Cable Length (m)
30.5
UPC ASSIGNMENT
Unit Carton UPC#
037332176516
PHYSICAL
Color
Blue
Style
Cat5/5e
CONNECTIONS
Connector A
RJ45 (MALE)
Connector B
RJ45 (MALE)
CERTIFICATIONS
Certifications
RoHS Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
N001-030-BL
30-ft. Cat5e 350MHz Snagless Molded Cable (RJ45 M/M) - Blue
1
N001-040-BL
40-ft. Cat5e 350MHz Snagless Molded Cable (RJ45 M/M) - Blue
1
N001-050-BL
50-ft. Cat5e 350MHz Snagless Molded Cable (RJ45 M/M) - Blue
1
N001-075-BL
75-ft. Cat5e 350MHz Snagless Molded Cable (RJ45 M/M) - Blue
1
N002-025-BL
25-ft. Cat5e 350MHz Molded Cable (RJ45 M/M) - Blue
1
N002-030-BL
30-ft. Cat5e 350MHz Molded Cable (RJ45 M/M) - Blue
1
N002-050-BL
50-ft. Cat5e 350MHz Molded Cable (RJ45 M/M) - Blue
1
N002-100-BL
100-ft. Cat5e 350MHz Molded Cable (RJ45 M/M) - Blue
1
2 / 3




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl