Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N001-150-GY Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N001-150-GY
Description  Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 150-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N001-150-GY Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N001-150-GY Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N001-150-GY Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cat5e 350MHz Snagless Molded Patch Cable (RJ45
M/M) - Gray, 150-ft.
MODEL NUMBER: N001-150-GY
Description
Tripp Lite's 150-ft. gray snagless category 5e (Cat5e) patch cable has 2 snagless RJ45 molded male connectors
featuring integral strain relief. The cable is manufactured from PVC 4-pair Solid Conductor UTP for improved
long run performance, and is rated for 350MHz/1Gbps communication. All cables are offered in a variety of
lengths and colors for all category 5 (Cat5) and 5e cabling needs. Standard category 5e patch cables are also
available.
Features
Cabling for category 5 (Cat5) and 5e (Cat5e) applications
Length: 150- Ft. Color: gray Connectors: RJ45 male
Feature molded connectors with integral strain relief
Snagless design protects the locking tabs on the RJ45 connectors from being damaged or snapped off during installation
PVC 4-pair Solid UTP
Rated for 350MHz/ 1Gbps communication
Meets most current industry standards including IEEE 802.3ab, IEEE 802.5, ANSI/EIA/TIA 568, ISO/IEC 11801 and ETL (category 5e draft 11)
Available in other colors and lengths
Also available without the snagless feature (N002 series)
Also available - Cat6 cables (N201 series)
Specifications
General Info
Product Group
NETWORK CABLES
Highlights
Cabling for Category 5 (Cat5)
and 5e (Cat5e) applications
Solid Conductor wire for long
distance performance
Snagless boots protect the
locking tabs on the RJ45
connectors from being damaged
during installation
Feature molded connectors with
integral strain relief. Rated for
350 MHz/ 1 Gbps communication
Meets most current industry
standards including IEEE
802.3ab, IEEE 802.5,
ANSI/EIA/TIA 568, ISO/IEC
11801, and ETL (Category 5e,
draft 11)
System Requirements
For 1000Base-T (1Gbps
Ethernet), 10/100Base-T
(Ethernet), 100 Mbps TPDDI,
155 Mbps ATM, ISDN, voice and
Token Ring Type3 applications.
Package Includes
150-ft. Gray Snagless Cat5e
Patch Cable
1 / 2


Similar Part No. - N001-150-GY

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N001-100-BK TRIPPLITE-N001-100-BK Datasheet
476Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Black, 100-ft.
N001-100-BL TRIPPLITE-N001-100-BL Datasheet
484Kb / 4P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 100-ft.
N001-100-GY TRIPPLITE-N001-100-GY Datasheet
477Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 100-ft.
More results

Similar Description - N001-150-GY

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N001-075-GY TRIPPLITE-N001-075-GY Datasheet
477Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 75-ft.
N001-100-GY TRIPPLITE-N001-100-GY Datasheet
477Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 100-ft.
N001-015-GY TRIPPLITE-N001-015-GY Datasheet
472Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 15-ft
N001-030-GY TRIPPLITE-N001-030-GY Datasheet
477Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 30-ft.
N001-020-GY TRIPPLITE-N001-020-GY Datasheet
477Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 20-ft.
N001-200-GY TRIPPLITE-N001-200-GY Datasheet
477Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 200-ft.
N001-014-GY TRIPPLITE-N001-014-GY Datasheet
472Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 14-ft.
N001-005-GY TRIPPLITE-N001-005-GY Datasheet
472Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 5-ft.
N001-007-GY TRIPPLITE-N001-007-GY Datasheet
473Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 7-ft.
N001-010-GY TRIPPLITE-N001-010-GY Datasheet
472Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 10-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com