Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N002-001-GY Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N002-001-GY
Description  Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 1-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N002-001-GY Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N002-001-GY Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N002-001-GY Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Type
CAT5/CAT5E
Model Type
Molded
INPUT
Cable Length (ft.)
1
Cable Length (m)
0.30
UPC ASSIGNMENT
Unit Carton UPC#
037332141125
PHYSICAL
Color
Gray
Style
Cat5/5e
CONNECTIONS
Connector A
RJ45 (MALE)
Connector B
RJ45 (MALE)
Number of Connectors
2
CERTIFICATIONS
Certifications
ROHS
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - N002-001-GY

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N002-001-GN TRIPPLITE-N002-001-GN Datasheet
482Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Green, 1-ft.
More results

Similar Description - N002-001-GY

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N002-002-GY TRIPPLITE-N002-002-GY Datasheet
476Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 2-ft.
N002-012-GY TRIPPLITE-N002-012-GY Datasheet
475Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 12-ft.
N002-007-GY TRIPPLITE-N002-007-GY Datasheet
472Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 7-ft.
N002-015-GY TRIPPLITE-N002-015-GY Datasheet
156Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 15-ft.
N002-100-GY TRIPPLITE-N002-100-GY Datasheet
156Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 100-ft.
N002-003-GY TRIPPLITE-N002-003-GY Datasheet
473Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 3-ft.
N002-050-GY TRIPPLITE-N002-050-GY Datasheet
156Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 50-ft.
N002-025-GY TRIPPLITE-N002-025-GY Datasheet
156Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 25-ft.
N002-004-GY TRIPPLITE-N002-004-GY Datasheet
482Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 4-ft.
N002-005-GY TRIPPLITE-N002-005-GY Datasheet
470Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 5-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com