Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD476K Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SD476K
Description  Silicon NPN Triple Diffused
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD476K Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SD476K Datasheet HTML 1Page - Hitachi Semiconductor 2SD476K Datasheet HTML 2Page - Hitachi Semiconductor 2SD476K Datasheet HTML 3Page - Hitachi Semiconductor 2SD476K Datasheet HTML 4Page - Hitachi Semiconductor 2SD476K Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD476(K), 2SD476A(K)
3
Collector to emitter voltage VCE (V)
0
2468
10
Typical Output Characteristics
1
2
3
4
5
TC = 25°C
IB = 0
10 mA
20
50
60
70
80
90
30
40
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2
5
Base to emitter voltage VBE (V)
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
Typical Transfer Characteristics
VCE = 4 V
5
10
20
50
200
500
1,000
100
Collector current IC (A)
0.01 0.02
0.05 0.1 0.2
0.5 1.0
2
5
DC Current Transfer Ratio
vs. Collector Current
VCE = 4 V
TC = 75°C
–25
25
5
0.2
0.4
0.6
1.0
1.2
1.4
0.8
Collector current IC (A)
0.01 0.02
0.05 0.1
0.2
0.5
1.0
2
5
Collector to Emitter Saturation Voltage
vs. Collector Current
lC = 10 lB
TC = 75°C
–25
25


Similar Part No. - 2SD476K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD476K RENESAS-2SD476K Datasheet
146Kb / 6P
   Silicon NPN Triple Diffused
More results

Similar Description - 2SD476K

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com